Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 28Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 29Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 30Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 31Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 32Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 33Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 34Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 35Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
32 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
Table 31.
Bonding pad description for all PCF8564AU types
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip; see Figure 27.
Symbol
Pad
X (
μm)
Y (
μm)
Description
OSCI
1
−523.0
689.4
oscillator input
OSCO
2
−523.0
469.4
oscillator output
INT
3
−523.0
−429.8
open-drain interrupt output (active LOW)
VSS
4
−523.0
−684.4
ground (substrate)
SDA
5
524.9
−523.8
serial data I/O
SCL
6
524.9
−138.6
serial clock input
CLKOUT
7
524.9
162.5
CMOS push-pull clock output
VDD
8
524.9
443.3
supply
CLKOE
9
524.9
716.3
CLKOUT output enable
Fig 28. Bare die outline of PCF8564ACX9
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8564ACX9
pcf8564acx9_po
09-08-25
09-09-09
Unit
mm
max
nom
min
0.29
0.09
0.2
1.27
1.9
0.73
0.27
A
Dimensions
Note
1. Chip dimensions including sawline.
2. Marking code: PC8564A-1
WLCSP9: wafer level chip-size package; 9 bumps; 1.27 x 1.9 x 0.29 mm
PCF8564ACX9
A1
A2
0.2
bD(1)
E(1)
ee1
0.45
e2
0
0.5
1 mm
scale
X
e2
e1
e
b
D
E
(2)
detail X
A1
A2
A
y
0,0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com