Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8564ACX9-B-1 Datasheet HTML 1Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 2Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 3Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 4Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 5Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 6Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 7Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 8Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1.
General description
The PCF8564A is a CMOS1 real-time clock and calendar optimized for low power
consumption. A programmable clock output, interrupt output and voltage low detector are
also provided. All addresses and data are transferred serially via a two-line bidirectional
I2C-bus. Maximum bus speed is 400 kbit/s. The built-in word address register is
incremented automatically after each written or read data byte.
2.
Features and benefits
Provides year, month, day, weekday, hours, minutes, and seconds based on a
32.768 kHz quartz crystal
Century flag
Wide clock operating voltage: 1.0 V to 5.5 V
Low back-up current typical 250 nA at 3.0 V and 25
°C
400 kHz two-wire I2C interface (1.8 V to 5.5 V)
Low-voltage detector
Alarm and timer functions
Two integrated oscillator capacitors
Programmable clock output for peripheral devices (32.768 kHz, 1.024 kHz, 32 Hz, and
1Hz)
Internal Power-On Reset (POR)
I2C slave address: read A3h, write A2h
3.
Applications
Mobile telephones
Portable instruments
Electronic metering
Battery powered products
PCF8564A
Real time clock and calendar
Rev. 02 — 30 September 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.


Similar Part No. - PCF8564ACX9-B-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8564ACX9/1 NXP-PCF8564ACX9/1 Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
PCF8564ACX9/B/1 NXP-PCF8564ACX9/B/1 Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
More results

Similar Description - PCF8564ACX9-B-1

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
Real time clock/calendar
Rev. 02-16 June 2009
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
Real time clock and calendar
Rev. 1-8 October 2009
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
Real time clock and calendar
Rev. 3-26 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com