Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8564ACX9-B-1 Datasheet HTML 1Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 2Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 3Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 4Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 5Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 6Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 7Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 8Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
3 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
6.
Block diagram
Fig 1.
Block diagram of PCF8564A
001aah660
PCF8564A
OSCILLATOR
32.768 kHz
DIVIDER
CLOCK OUT
INTERRUPT
CLKOUT
CLKOE
INT
MONITOR
POWER ON
RESET
WATCH
DOG
I2C
INTERFACE
OSCI
SCL
SDA
OSCO
VDD
VSS
TIMER FUNCTION
Timer_ctrl
0Eh
Timer
0Fh
CONTROL
Control_1
00h
Control_2
01h
CLKOUT_ctrl
0Dh
TIME
Seconds
02h
Minutes
03h
Hours
04h
Days
05h
ALARM FUNCTION
Minute_alarm
09h
Hour_alarm
0Ah
Day_alarm
0Bh
Weekday_alarm
0Ch
Weekdays
06h
Months
07h
Years
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com