Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 2Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 3Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 4Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 5Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 6Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 7Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 8Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 9Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
6 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.2 Register organization
Table 4.
Register overview
Bit positions labelled as - are not implemented. Bit positions labelled as N should always be written with logic 0. After reset, all
registers are set according to Table 27.
Address
Register name
Bit
7
6
5
4
3
2
1
0
Control registers
00h
Control_1
TEST1
N
STOP
N
TESTC
N
N
N
01h
Control_2
N
N
N
TI_TP
AF
TF
AIE
TIE
Time and date registers
02h
Seconds
VL
SECONDS (0 to 59)
03h
Minutes
-
MINUTES (0 to 59)
04h
Hours
-
-
HOURS (0 to 23)
05h
Days
-
-
DAYS (1 to 31)
06h
Weekdays
-
-
-
-
-
WEEKDAYS
07h
Months
C
-
-
MONTH (1 to 12)
08h
Years
YEARS (0 to 99)
Alarm registers
09h
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
0Ah
Hour_alarm
AE_H
-
HOUR_ALARM (0 to 23)
0Bh
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
0Ch
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM
CLKOUT control register
0Dh
CLKOUT_ctrl
FE
--
---
FD
Timer registers
0Eh
Timer_ctrl
TE
-
-
-
-
-
TD
0Fh
Timer
TIMER_VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com