Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564ACX9-B-1 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 21Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 22Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 23Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 24Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 25Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 26Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 27Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 28Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
25 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
11. Internal circuitry
12. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 6 “JESD22-A114”.
[2]
Pass level; Machine Model (MM), according to Ref. 7 “JESD22-A115”.
[3]
Pass level; latch-up testing, according to Ref. 8 “JESD78” at maximum ambient temperature
(Tamb(max) =+85 °C).
[4]
According to the NXP store and transport conditions (see Ref. 10 “SNW-SQ-623”) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
Fig 20. Device diode protection diagram
013aaa035
SDA
SCL
VDD
CLKOE
OSCI
OSCO
VSS
PCF8564A
INT
CLKOUT
Table 28.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
VI
input voltage
−0.5
+6.5
V
VO
output voltage
−0.5
+6.5
V
IDD
supply current
−50.0
+50.0
mA
II
input current
−10.0
+10.0
mA
IO
output current
−10.0
+10.0
mA
ISS
ground supply current
−50.0
+50.0
mA
Ptot
total power dissipation
-
300
mW
VESD
electrostatic discharge voltage
HBM
[1]
PCF8564ACX9
-
±2500
V
PCF8564AU
-
±3500
V
MM
[2]
PCF8564ACX9
-
±200
V
PCF8564AU
-
±250
V
Ilu
latch-up current
all pins but OSCI
[3] -100
mA
Tstg
storage temperature
[4]
−65.0
+150
°C
Tamb
ambient temperature
operating device
−40.0
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com