Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 3Page - STMicroelectronics L6738 Datasheet HTML 4Page - STMicroelectronics L6738 Datasheet HTML 5Page - STMicroelectronics L6738 Datasheet HTML 6Page - STMicroelectronics L6738 Datasheet HTML 7Page - STMicroelectronics L6738 Datasheet HTML 8Page - STMicroelectronics L6738 Datasheet HTML 9Page - STMicroelectronics L6738 Datasheet HTML 10Page - STMicroelectronics L6738 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
L6738
Typical application circuit and block diagram
Doc ID 18133 Rev 1
7/32
Figure 2.
Typical application circuit
BOOT
UGATE
PHASE
LGATE
HS
LS
VIN = 1.5V to 19V
L
COUT
Vout
LOAD
CHF
CBULK
CDEC
FB
RFB
COMP
RF
CF
CP
VCC
VCC = 5V to 12V
L6738 Reference Schematic
ROS
R
C
GND
RFB
ROS
FBG
CSP
CSN
VSEN
RI
CI
SYNCH
PGOOD
PGOOD
SYNCH
VCCDR
OSC
CDEC
ROSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com