Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 21Page - STMicroelectronics L6738 Datasheet HTML 22Page - STMicroelectronics L6738 Datasheet HTML 23Page - STMicroelectronics L6738 Datasheet HTML 24Page - STMicroelectronics L6738 Datasheet HTML 25Page - STMicroelectronics L6738 Datasheet HTML 26Page - STMicroelectronics L6738 Datasheet HTML 27Page - STMicroelectronics L6738 Datasheet HTML 28Page - STMicroelectronics L6738 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
L6738
Application details
Doc ID 18133 Rev 1
25/32
Connect output bulk capacitors (COUT) as near as possible to the load, minimizing parasitic
inductance and resistance associated to the copper trace, also adding extra de coupling
capacitors along the way to the load when this results in being far from the bulk capacitors
bank.
Remote Sense Connection must be routed as parallel nets from the FBG/VSEN pins to the
load in order to avoid the pick-up of any common mode noise. Connecting these pins in
points far from the load causes a non-optimum load regulation, increasing output tolerance.
Locate current reading components close to the device. The PCB traces connecting the
reading point must use dedicated nets, routed as parallel traces in order to avoid the pick-up
of any common mode noise. It's also important, to avoid any offset in the measurement and,
to get a better precision, to connect the traces as close as possible to the sensing elements.
A small filtering capacitor can be added, near the controller, between VOUT and GND, on
the CSN line to allow higher layout flexibility.
Figure 11.
Power Connections (heavy lines)
Gate traces and phase trace must be sized according to the driver RMS current delivered to
the power MOSFET. The device robustness allows the managing of applications with the
power section far from the controller without losing performance. However, when possible, it
is recommended to minimize the distance between the controller and power section.
Small signal components and connections to critical nodes of the application, as well as
bypass capacitors for the device supply, are also important. Locate the bypass capacitor
(VCC and bootstrap capacitor) and feedback compensation components as close to the
device as practical.
Figure 12.
Drivers turn-on and turn-off paths
L
CIN
VIN
UGATE
PHASE
LGATE
GND
LOAD
L6738
COUT
RGATE
RINT
CGD
CGS
CDS
VCCDR
LS DRIVER
LS MOSFET
GND
LGATE
RGATE
RINT
CGD
CGS
CDS
BOOT
HS DRIVER
HS MOSFET
PHASE
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com