Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 11Page - STMicroelectronics L6738 Datasheet HTML 12Page - STMicroelectronics L6738 Datasheet HTML 13Page - STMicroelectronics L6738 Datasheet HTML 14Page - STMicroelectronics L6738 Datasheet HTML 15Page - STMicroelectronics L6738 Datasheet HTML 16Page - STMicroelectronics L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics L6738 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
L6738
Output voltage setting and protections
Doc ID 18133 Rev 1
15/32
6
Output voltage setting and protections
The L6738 is capable of precisely regulating an output voltage as low as 0.8 V. In fact, the
device comes with a fixed 0.8 V internal reference that guarantees the output regulated
voltage to be within ±0.5 % tolerance over line and temperature variations (excluding output
resistor divider tolerance, when present).
Output voltage higher than 0.8 V can be easily achieved by adding a resistor ROS between
the FB pin and ground. Referring to
Figure 1, the steady-state DC output voltage is:
where VREF is 0.8 V.
The L6738 monitors the voltage at the VSEN pin and compares it to the internal reference
voltage in order to provide undervoltage and overvoltage protections, as well as PGOOD
signal. According to the level of VSEN, different actions are performed from the controller:
●
PGOOD
If the voltage monitored through VSEN exits from the PGOOD window limits, the device
de-asserts the PGOOD signal.
PGOOD is asserted at the end of the soft-start phase with 3x clock cycles delay.
●
Undervoltage protection (UV)
If the voltage at the VSEN pin drops below the UV threshold, the device turns off both
HS and LS MOSFETs, latching the condition. Cycle VCC or EN to recover.
UV is also active during SS acting as VIN detection protection. See description below.
●
Overvoltage protection (OV)
If the voltage at the VSEN pin rises over the OV threshold, overvoltage protection turns
off the HS MOSFET and turns on the LS MOSFET. The LS MOSFET is turned off as
soon as VSEN goes below Vref/2. The condition is latched, cycle VCC/EN to recover.
Note that, even if the device is latched, the device still controls the LS MOSFET and
can switch it on whenever VSEN rises above the OV threshold.
●
PreOVP protection
Monitors VSEN when IC is disabled. If VSEN surpasses the OV threshold, IC turns on
the low-side MOSFET to protect the load. On the EN rising edge, the protection is
disabled and the IC implements the SS procedure.
PreOVP is disabled when EN is high but the OV protection becomes operative.
●
VIN detection
UV Protection active during SS allows the IC to detect whether input voltage VIN is
present. If UV is triggered during the soft-start, it resets the SS procedure: the
controller re-implements the initial delay and re-ramps-up the reference with the same
SS timings described in
Section 5.
The UV protection is then avoiding that IC starts-up if VIN is not present.
Protections are active also during soft-start (See
Section 5).
For proper operations, VCC needs to be at least 1.5 V higher than the programmed output
voltage.
V
OUT
V
REF
1
R
FB
R
OS
-----------
+
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com