Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 13Page - STMicroelectronics L6738 Datasheet HTML 14Page - STMicroelectronics L6738 Datasheet HTML 15Page - STMicroelectronics L6738 Datasheet HTML 16Page - STMicroelectronics L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics L6738 Datasheet HTML 19Page - STMicroelectronics L6738 Datasheet HTML 20Page - STMicroelectronics L6738 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
L6738
Output voltage setting and protections
Doc ID 18133 Rev 1
17/32
6.2
Overcurrent threshold setting
The L6738 detects OC when the difference between CSP and CSN is equal to 20 mV (typ).
By properly designing the current reading network, it is possible to program the OC
threshold as desired (See
Figure 6).
Time constant matching is, in this case, designed considering:
This means that once inductor has been chosen, the two conditions above define the proper
values for R1 and R2.
Figure 6.
Current reading network
I
OCP
20mV
DCR
----------------
R1
R2
+
R2
----------------------
⋅
=
L
DCR
-------------
R1//R2
() C
⋅
=
L
C
R1
CSP
CSN
R2 (Opt)
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com