Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 16Page - STMicroelectronics L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics L6738 Datasheet HTML 19Page - STMicroelectronics L6738 Datasheet HTML 20Page - STMicroelectronics L6738 Datasheet HTML 21Page - STMicroelectronics L6738 Datasheet HTML 22Page - STMicroelectronics L6738 Datasheet HTML 23Page - STMicroelectronics L6738 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
High current embedded drivers
L6738
20/32
Doc ID 18133 Rev 1
8
High current embedded drivers
The L6738 provides high-current driving control. The driver for the high-side MOSFET uses
the BOOT pin for supply and the PHASE pin for return. The driver for the low-side MOSFET
uses the VCCDR pin for supply and the GND pin for return.
The embedded driver embodies an anti-shoot-through and adaptive dead-time control to
minimize the low-side body diode conduction time maintaining good efficiency and saving
the use of Schottky diodes: when the high-side MOSFET turns off, the voltage on its source
begins to fall; when the voltage reaches about 2 V, the low-side MOSFET gate drive voltage
is suddenly applied. When the low-side MOSFET turns off, the voltage at the LGATE pin is
sensed. When it drops below about 1 V, the high-side MOSFET gate drive voltage is
suddenly applied. If the current flowing in the inductor is negative, the source of the high-
side MOSFET never drops. To allow the low-side MOSFET to turn on even in this case, a
watchdog controller is enabled: if the source of the high-side MOSFET doesn't drop, the low-
side MOSFET is switched on, so allowing the negative current of the inductor to recirculate.
This mechanism allows the system to regulate even if the current is negative.
8.1
Boot capacitor design
The bootstrap capacitor needs to be designed in order to show a negligible discharge due to
the high-side MOSFET turn on. In fact, it must give a stable voltage supply to the high-side
driver during the MOSFET turn on, also minimizing the power dissipated by the embedded
boot diode.
Figure 8 gives some guidelines on how to select the capacitance value for the
bootstrap according to the desired discharge and depending on the selected MOSFET.
To prevent the bootstrap capacitor to extra-charge as a consequence of large negative
spikes, an internal 2.2 Ohms series resistance RBOOT is provided in series to the BOOT
diode pin.
Figure 8.
Bootstrap capacitor design
8.2
Power dissipation
It is important to consider the power that the device is going to dissipate in driving the
external MOSFETs in order to avoid surpassing the maximum junction operative
temperature.
0.0
0.5
1.0
1.5
2.0
2.5
010
20
3040506070
8090
100
High -Side MOSFET Gate Charge [nC]
Cboot = 47nF
Cboot = 100nF
Cboot = 220nF
Cboot = 330nF
Cboot = 470nF
0
500
1000
1500
2000
2500
0.0
0.2
0.4
0.6
0.8
1.0
Boot Cap Delta Voltage [V]
Qg = 10nC
Qg = 25nC
Qg = 50nC
Qg = 100nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com