Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 10Page - STMicroelectronics L6738 Datasheet HTML 11Page - STMicroelectronics L6738 Datasheet HTML 12Page - STMicroelectronics L6738 Datasheet HTML 13Page - STMicroelectronics L6738 Datasheet HTML 14Page - STMicroelectronics L6738 Datasheet HTML 15Page - STMicroelectronics L6738 Datasheet HTML 16Page - STMicroelectronics L6738 Datasheet HTML 17Page - STMicroelectronics L6738 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Soft-start
L6738
14/32
Doc ID 18133 Rev 1
5
Soft-start
The L6738 implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. During this phase, the device increases
the internal reference from zero up to 0.8 V in closed loop regulation. The soft-start is
implemented only when VCC and VCCDR are above their own UVLO threshold and the EN
pin is set free.
When SS takes place, the IC initially waits for 1024 clock cycles and then starts ramping-up
the reference in 1024 clock cycles in closed-loop regulation. At the end of the digital soft-
start, the PWRGOOD signal is set free with 3x clock cycles delay.
Protections are active during this phase as follows:
●
undervoltage is enabled when the reference voltage reaches 80 % of the final value
●
overvoltage is always enabled
●
FB disconnection is enabled
Soft-start time depends on the programmed frequency, initial delay and reference ramp-up
lasts for 1024 clock cycles. SS time and initial delay can be determined as follows:
5.1
LS-less startup
In order to avoid any kind of negative undershoot on the load side during startup, the L6738
performs a special sequence in enabling the drivers for both sections: during the soft-start
phase, the LS MOSFET is kept OFF until the first PWM pulse. This particular sequence
avoids the dangerous negative spike on the output voltage that can happen if starting over a
pre-biased output.
Low-side MOSFET turn-on is masked only from the control loop point of view: protections
are still allowed to turn on the low-side MOSFET in the case of overvoltage, if needed.
Figure 5.
LS-less startup (left) vs. non-LS-less startup (right)
T
SS ms
[]
1024
Fsw kHz
]
[]
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com