Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6738
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6738 Datasheet HTML 8Page - STMicroelectronics L6738 Datasheet HTML 9Page - STMicroelectronics L6738 Datasheet HTML 10Page - STMicroelectronics L6738 Datasheet HTML 11Page - STMicroelectronics L6738 Datasheet HTML 12Page - STMicroelectronics L6738 Datasheet HTML 13Page - STMicroelectronics L6738 Datasheet HTML 14Page - STMicroelectronics L6738 Datasheet HTML 15Page - STMicroelectronics L6738 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical specifications
L6738
12/32
Doc ID 18133 Rev 1
Tssdelay
SS delay
OSC = Open, before SS
4.5
5.12
5.7
msec
∆VOSC
PWM ramp amplitude
2
V
d
Duty cycle
0
100
%
SYNCH
Synchronization Input
VIL
1.0
V
VIH
2.5
V
Reference and error amplifier
Output voltage accuracy
Vout to FBG
-0.5
-
0.5
%
A0
DC gain(1)
120
dB
GBWP
Gain-bandwidth product(1)
15
MHz
SR
Slew-rate(1)
8V/
µs
Gate driver
IUGATE
HS source current(1)
BOOT - PHASE = 12 V;
CUGATE to PHASE = 3.3 nF
2A
RUGATE
HS sink resistance
BOOT - PHASE = 12 V; 100 mA
2
2.5
Ω
ILGATE
LS source current(1)
CLGATE to GND = 5.6 nF
3
A
RLGATE
LS sink resistance
100mA
1
1.5
Ω
Current sense amplifier
VOCTH
OC current threshold
CSP - CSN; 7x masking
17
20
23
mV
PGOOD and protection
PGOOD
OVP threshold
VSEN rising
0.970
1.000
1.030
V
un-latch, VSEN falling
0.400
V
UVP threshold
VSEN falling
0.570
0.600
0.630
V
1.
Guaranteed by design, not subject to test.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com