Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 29Page - Texas Instruments TMS320F2812 Datasheet HTML 30Page - Texas Instruments TMS320F2812 Datasheet HTML 31Page - Texas Instruments TMS320F2812 Datasheet HTML 32Page - Texas Instruments TMS320F2812 Datasheet HTML 33Page - Texas Instruments TMS320F2812 Datasheet HTML 34Page - Texas Instruments TMS320F2812 Datasheet HTML 35Page - Texas Instruments TMS320F2812 Datasheet HTML 36Page - Texas Instruments TMS320F2812 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.2
Brief Descriptions
3.2.1
C28x CPU
The C28x™ DSP generation is the newest member of the TMS320C2000™ DSP platform. The C28x is
source code compatible to the 24x/240x DSP devices, hence existing 240x users can leverage their
significant software investment. Additionally, the C28x is a very efficient C/C++ engine, enabling users to
develop not only their system control software in a high-level language, but also enables math algorithms
to be developed using C/C++. The C28x is as efficient in DSP math tasks as it is in system control tasks
that typically are handled by microcontroller devices. This efficiency removes the need for a second
processor in many systems. The 32 x 32-bit MAC capabilities of the C28x and its 64-bit processing
capabilities, enable the C28x to efficiently handle higher numerical resolution problems that would
otherwise demand a more expensive floating-point processor solution. Add to this the fast interrupt
response with automatic context save of critical registers, resulting in a device that is capable of servicing
many asynchronous events with minimal latency. The C28x has an 8-level-deep protected pipeline with
pipelined memory accesses. This pipelining enables the C28x to execute at high speeds without resorting
to expensive high-speed memories. Special branch-look-ahead hardware minimizes the latency for
conditional discontinuities. Special store conditional operations further improve performance.
3.2.2
Memory Bus (Harvard Bus Architecture)
As with many DSP type devices, multiple busses are used to move data between the memories and
peripherals and the CPU. The C28x memory bus architecture contains a program read bus, data read bus
and data write bus. The program read bus consists of 22 address lines and 32 data lines. The data read
and write busses consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable
single cycle 32-bit operations. The multiple bus architecture, commonly termed “Harvard Bus”, enables the
C28x to fetch an instruction, read a data value and write a data value in a single cycle. All peripherals and
memories attached to the memory bus will prioritize memory accesses. Generally, the priority of Memory
Bus accesses can be summarized as follows:
Highest: Data Writes (Simultaneous data and program writes cannot occur on the memory bus.)
Program Writes (Simultaneous data and program writes cannot occur on the memory bus.)
Data Reads
Program Reads (Simultaneous program reads and fetches cannot occur on the memory bus.)
Lowest:
Fetches (Simultaneous program reads and fetches cannot occur on the memory bus.)
3.2.3
Peripheral Bus
To enable migration of peripherals between various Texas Instruments ( TI™) DSP family of devices, the
F281x and C281x adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge
multiplexes the various busses that make up the processor “Memory Bus” into a single bus consisting of
16 address lines and 16 or 32 data lines and associated control signals. Two versions of the peripheral
bus are supported on the F281x and C281x. One version only supports 16-bit accesses (called peripheral
frame 2) and this retains compatibility with C240x-compatible peripherals. The other version supports both
16- and 32-bit accesses (called peripheral frame 1).
3.2.4
Real-Time JTAG and Analysis
The F281x and C281x implement the standard IEEE 1149.1 JTAG interface. Additionally, the F281x and
C281x support real-time mode of operation whereby the contents of memory, peripheral, and register
locations can be modified while the processor is running and executing code and servicing interrupts. The
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
33
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com