Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 81Page - Texas Instruments TMS320F2812 Datasheet HTML 82Page - Texas Instruments TMS320F2812 Datasheet HTML 83Page - Texas Instruments TMS320F2812 Datasheet HTML 84Page - Texas Instruments TMS320F2812 Datasheet HTML 85Page - Texas Instruments TMS320F2812 Datasheet HTML 86Page - Texas Instruments TMS320F2812 Datasheet HTML 87Page - Texas Instruments TMS320F2812 Datasheet HTML 88Page - Texas Instruments TMS320F2812 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 170 page
background image
Peripheral I/O
MUX
0
1
MUX
1
0
PIN
Internal (Pullup or Pulldown)
Digital I/O
XRS
High-Impedance
Enable (1)
High-
Impedance
Control
GPxDIR
Register Bit
GPxMUX
Register Bit
GPxQUAL
Register
GPxDAT/SET/CLEAR/TOGGLE
Register Bit(s)
Input Qualification
SYSCLKOUT
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Figure 4-12 shows how the various register bits select the various modes of operation for GPIO function.
A.
In the GPIO mode, when the GPIO pin is configured for output operation, reading the GPxDAT data register only
gives the value written, not the value at the pin. In the peripheral mode, the state of the pin can be read through the
GPxDAT register, provided the corresponding direction bit is zero (input mode).
B.
Some selected input signals are qualified by the SYSCLKOUT. The GPxQUAL register specifies the qualification
sampling period. The sampling window is 6 samples wide and the output is only changed when all samples are the
same (all 0's or all 1's). This feature removes unwanted spikes from the input signal.
Figure 4-12. GPIO/Peripheral Pin Multiplexing
NOTE
The input function of the GPIO pin and the input path to the peripheral are always enabled. It
is the output function of the GPIO pin that is multiplexed with the output path of the primary
(peripheral) function. Since the output buffer of a pin connects back to the input buffer, any
GPIO signal present at the pin will be propagated to the peripheral module as well.
Therefore, when a pin is configured for GPIO operation, the corresponding peripheral
functionality (and interrupt-generating capability) must be disabled. Otherwise, interrupts may
be inadvertently triggered. This is especially critical when the PDPINTA and PDPINTB pins
are used as GPIO pins, since a value of zero for GPDDAT.0 or GPDDAT.5 (PDPINTx) will
put PWM pins in a high-impedance state. The CxTRIP and TxCTRIP pins will also put the
corresponding PWM pins in high impedance, if they are driven low (as GPIO pins) and bit
EXTCONx.0 = 1.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
85
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com