Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 51Page - Texas Instruments TMS320F2812 Datasheet HTML 52Page - Texas Instruments TMS320F2812 Datasheet HTML 53Page - Texas Instruments TMS320F2812 Datasheet HTML 54Page - Texas Instruments TMS320F2812 Datasheet HTML 55Page - Texas Instruments TMS320F2812 Datasheet HTML 56Page - Texas Instruments TMS320F2812 Datasheet HTML 57Page - Texas Instruments TMS320F2812 Datasheet HTML 58Page - Texas Instruments TMS320F2812 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 170 page
background image
Borrow
Reset
Timer Reload
SYSCLKOUT
TCR.4
(Timer Start Status)
TINT
16-Bit Timer Divide-Down
TDDRH:TDDR
32-Bit Timer Period
PRDH:PRD
32-Bit Counter
TIMH:TIM
16-Bit Prescale Counter
PSCH:PSC
Borrow
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
4
Peripherals
The integrated peripherals of the F281x and C281x are described in the following subsections:
•
Three 32-bit CPU-Timers
•
Two event-manager modules (EVA, EVB)
•
Enhanced analog-to-digital converter (ADC) module
•
Enhanced controller area network (eCAN) module
•
Multichannel buffered serial port (McBSP) module
•
Serial communications interface modules (SCI-A, SCI-B)
•
Serial peripheral interface (SPI) module
•
Digital I/O and shared pin functions
4.1
32-Bit CPU-Timers 0/1/2
There are three 32-bit CPU-timers on the F281x and C281x devices (CPU-TIMER0/1/2).
Timer 2 is reserved for DSP/BIOS. CPU-Timer 0 and CPU-Timer 1 can be used in user applications.
These timers are different from the general-purpose (GP) timers that are present in the Event Manager
modules (EVA, EVB).
NOTE
If the application is not using DSP/BIOS, then CPU-Timer 2 can be used in the application.
Figure 4-1. CPU-Timers
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
55
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com