Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 83Page - Texas Instruments TMS320F2812 Datasheet HTML 84Page - Texas Instruments TMS320F2812 Datasheet HTML 85Page - Texas Instruments TMS320F2812 Datasheet HTML 86Page - Texas Instruments TMS320F2812 Datasheet HTML 87Page - Texas Instruments TMS320F2812 Datasheet HTML 88Page - Texas Instruments TMS320F2812 Datasheet HTML 89Page - Texas Instruments TMS320F2812 Datasheet HTML 90Page - Texas Instruments TMS320F2812 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 170 page
background image
PREFIX
TMS 320
F
2810
PBK
experimental device
prototype device
qualified device
TMX =
TMP =
TMS =
DEVICE FAMILY
320 = TMS320
DSP Family
TM
TECHNOLOGY
PACKAGE TYPE
(A)
= 179-ball MicroStar BGA
= 179-ball MicroStar BGA (lead-free)
= 176-pin LQFP
= 128-pin LQFP
TM
GHH
ZHH
PGF
PBK
= Flash EEPROM (1.8-V/1.9-V Core/3.3-V I/O)
= ROM (1.8-V/1.9-V Core/3.3-V I/O)
F
C
DEVICE
2810
2811
2812
= Ball Grid Array
= Low-Profile Quad Flatpack
BGA
LQFP
A.
TEMPERATURE RANGE
A
= −40
°
−40°C to 125°C
= −40°C to 125°C (Q100 qualification)
°C to 85 C
=
A
Q
S
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, PBK) and temperature range (for example, A). Figure 5-1 provides a legend
for reading the complete device name for any TMS320x281x family member.
Figure 5-1. TMS320x281x Device Nomenclature
5.2
Documentation Support
Extensive documentation supports all of the TMS320™ DSP family generations of devices from product
announcement through applications development. The types of documentation available include: data
sheets and data manuals, with design specifications; and hardware and software applications.
Table 5-1 shows the peripheral reference guides appropriate for use with the devices in this data manual.
See the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) for more
information on types of peripherals.
Table 5-1. TMS320x281x Peripheral Selection Guide
2811,
PERIPHERAL
LIT. NO.
TYPE(1)
2812
2810
TMS320x281x DSP System Control and Interrupts
SPRU078
–
x
x
TMS320x281x DSP External Interface (XINTF)
SPRU067
0
x
TMS320x281x Enhanced Controller Area Network (eCAN)
SPRU074
0
x
x
TMS320x281x DSP Event Manager (EV)
SPRU065
0
x
x
TMS320x281x DSP Analog-to-Digital Converter (ADC)
SPRU060
0
x
x
TMS320x281x DSP Multichannel Buffered Serial Port (McBSP)
SPRU061
0
x
x
TMS320x281x Serial Communications Interface (SCI)
SPRU051
0
x
x
TMS320x281x Serial Peripheral Interface
SPRU059
0
x
x
TMS320x281x DSP Boot ROM
SPRU095
–
x
x
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices which do not affect the basic functionality of the module. These device-specific differences are listed in the
peripheral reference guides.
Copyright © 2001–2011, Texas Instruments Incorporated
Development Support
87
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com