Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 16Page - Texas Instruments TMS320F2812 Datasheet HTML 17Page - Texas Instruments TMS320F2812 Datasheet HTML 18Page - Texas Instruments TMS320F2812 Datasheet HTML 19Page - Texas Instruments TMS320F2812 Datasheet HTML 20Page - Texas Instruments TMS320F2812 Datasheet HTML 21Page - Texas Instruments TMS320F2812 Datasheet HTML 22Page - Texas Instruments TMS320F2812 Datasheet HTML 23Page - Texas Instruments TMS320F2812 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
JTAG AND MISCELLANEOUS SIGNALS
Oscillator Input – input to the internal
oscillator. This pin is also used to feed an
external clock. The 28x can be operated with
an external clock source, provided that the
proper voltage levels be driven on the
X1/XCLKIN pin. It should be noted that the
X1/XCLKIN
K9
77
58
I
–
X1/XCLKIN pin is referenced to the 1.8-V (or
1.9-V) core digital power supply (VDD), rather
than the 3.3-V I/O supply (VDDIO). A clamping
diode may be used to clamp a buffered clock
signal to ensure that the logic-high level does
not exceed VDD (1.8 V or 1.9 V) or a 1.8-V
oscillator may be used.
X2
M9
76
57
O
–
Oscillator Output
Output clock derived from SYSCLKOUT to be
used for external wait-state generation and as
a general-purpose clock source. XCLKOUT is
either the same frequency, 1/2 the frequency,
or 1/4 the frequency of SYSCLKOUT. At reset,
XCLKOUT
F11
119
87
O
–
XCLKOUT = SYSCLKOUT/4. The XCLKOUT
signal can be turned off by setting bit 3
(CLKOFF) of the XINTCNF2 register to 1.
Unlike other GPIO pins, the XCLKOUT pin is
not placed in a high-impedance state during
reset.
Test Pin. Reserved for TI. Must be connected
TESTSEL
A13
134
97
I
PD
to ground.
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to
terminate execution. The PC will point to the
address contained at the location 0x3FFFC0.
When XRS is brought to a high level,
execution begins at the location pointed to by
the PC. This pin is driven low by the DSP
XRS
D6
160
113
I/O
PU
when a watchdog reset occurs. During
watchdog reset, the XRS pin will be driven low
for the watchdog reset duration of
512 XCLKIN cycles.
The output buffer of this pin is an open-drain
with an internal pullup (100 µA, typical). It is
recommended that this pin be driven by an
open-drain device.
Test Pin. Reserved for TI. On F281x devices,
TEST1 must be left unconnected. On C281x
TEST1
M7
67
51
I/O
–
devices, this pin is a “no connect (NC)”
(i.e., this pin is not connected to any circuitry
internal to the device).
Test Pin. Reserved for TI. On F281x devices,
TEST2 must be left unconnected. On C281x
TEST2
N7
66
50
I/O
–
devices, this pin is a “no connect (NC)”
(i.e., this pin is not connected to any circuitry
internal to the device).
20
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com