Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 87Page - Texas Instruments TMS320F2812 Datasheet HTML 88Page - Texas Instruments TMS320F2812 Datasheet HTML 89Page - Texas Instruments TMS320F2812 Datasheet HTML 90Page - Texas Instruments TMS320F2812 Datasheet HTML 91Page - Texas Instruments TMS320F2812 Datasheet HTML 92Page - Texas Instruments TMS320F2812 Datasheet HTML 93Page - Texas Instruments TMS320F2812 Datasheet HTML 94Page - Texas Instruments TMS320F2812 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.3
Electrical Characteristics Over Recommended Operating Conditions
(Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = IOH MAX
2.4
V
IOH = 50 µA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IIL
(1)
Input current
With pullup
VDDIO = 3.3 V, VIN = 0 V
–80
–140
–190
µA
(low level)
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
IIL
(2)
Input current
With pullup
VDDIO = 3.3 V,
All I/Os(3) (including
–80
–140
–190
µA
(low level)
VIN = 0 V
XRS) except EVB
GPIOB/EVB
–13
–25
–35
With pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
IIH
Input current
With pullup
VDDIO = 3.3 V, VIN = VDD
±2
µA
(high level)
With pulldown(4)
VDDIO = 3.3 V, VIN = VDD
28
50
80
IOZ
Leakage current (for pins without internal
VO = VDDIO or 0 V
±2
µA
PU/PD), high-impedance state (off-state)
Ci
Input capacitance
2
pF
Co
Output capacitance
3
pF
(1)
Applicable to C281x devices
(2)
Applicable to F281x devices
(3)
The following pins have no internal PU/PD: GPIOE0, GPIOE1, GPIOF0, GPIOF1, GPIOF2, GPIOF3, GPIOF12, GPIOG4, and GPIOG5.
(4)
The following pins have an internal pulldown: XMP/MC, TESTSEL, and TRST.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com