Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320F2812 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 88Page - Texas Instruments TMS320F2812 Datasheet HTML 89Page - Texas Instruments TMS320F2812 Datasheet HTML 90Page - Texas Instruments TMS320F2812 Datasheet HTML 91Page - Texas Instruments TMS320F2812 Datasheet HTML 92Page - Texas Instruments TMS320F2812 Datasheet HTML 93Page - Texas Instruments TMS320F2812 Datasheet HTML 94Page - Texas Instruments TMS320F2812 Datasheet HTML 95Page - Texas Instruments TMS320F2812 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.4
Current Consumption
Table 6-1. TMS320F281x Current Consumption by Power-Supply Pins Over Recommended Operating
Conditions During Low-Power Modes at 150-MHz SYSCLKOUT
IDD
IDDIO
(1)
IDD3VFL
IDDA
(2)
MODE
TEST CONDITIONS
TYP
MAX(3)
TYP
MAX(3)
TYP
MAX(3)
TYP
MAX(3)
All peripheral clocks are enabled. All
PWM pins are toggled at 100 kHz.
Data is continuously transmitted out of
Operational
the SCIA, SCIB, and CAN ports. The
195 mA(4)
230 mA
15 mA
30 mA
40 mA
45 mA
40 mA
50 mA
hardware multiplier is exercised. Code
is running out of flash with
5 wait-states.
•
Flash is powered down
•
XCLKOUT is turned off
IDLE
125 mA
150 mA
5 mA
10 mA
2 µA
4 µA
1 µA
20 µA
•
All peripheral clocks are on,
except ADC
•
Flash is powered down
•
Peripheral clocks are turned off
STANDBY
5 mA
10 mA
5 µA
20 µA
2 µA
4 µA
1 µA
20 µA
•
Pins without an internal PU/PD are
tied high/low
•
Flash is powered down
•
Peripheral clocks are turned off
HALT
70 µA
5 µA
20 µA
2 µA
4 µA
1 µA
20 µA
•
Pins without an internal PU/PD are
tied high/low
•
Input clock is disabled
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
IDDA includes current into VDDA1, VDDA2, AVDDREFBG, and VDDAIO pins.
(3)
MAX numbers are at 125°C, and MAX voltage (VDD = 1.89 V; VDDIO, VDD3VFL, VDDA = 3.47 V).
(4)
IDD represents the total current drawn from the 1.8-V rail (VDD). It includes a small amount of current (<1 mA) drawn by VDD1.
NOTE
HALT and STANDBY modes cannot be used when the PLL is disabled.
92
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com