Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 19 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
19 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
 
ZXLD1370 Boost Mode 350mA Minimum Recommended Inductor
Target Switching frequency > 500kHz
0
10
2030
405060
1
3
5
7
9
11
13
15
Supply Voltage (V)
L=22µH
L=33µH
L=47µH
Figure 26. 350mA Buck-Boost mode inductor selection for target frequency > 500kHz
Suitable coils for use with the ZXLD1370 may be selected from the MSS range manufactured by Coilcraft, or the NPIS range
manufactured by NIC components.
The following websites may be useful in finding suitable components
www.coilcraft.com
www.niccomp.com
www.wuerth-elektronik.de
MOSFET Selection
The ZXLD130 requires an external NMOS FET as the main power switch with a voltage rating at least 15% higher than the
maximum transistor voltage to ensure safe operation during the ringing of the switch node.
The current rating is
recommended to be at least 10% higher than the average transistor current. The power rating is then verified by calculating
the resistive and switching power losses.
switching
P
resistive
P
P
+
=
Resistive power losses
The resistive power losses are calculated using the RMS transistor current and the MOSFET on-resistance.
Calculate the current for the different topologies as follows:
Buck mode
LED
I
x
MAX
D
MAX
MOSFET
I
=
−
Boost / Buck-boost mode
LED
I
x
MAX
D
1
MAX
D
MAX
MOSFET
I
−
=
−
The approximate RMS current in the MOSFET will be:
Buck mode
D
LED
I
RMS
MOSFET
I
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com