Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 26 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
26 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
TADJ pin - Thermal control of LED current
The ‘Thermal control’ circuit monitors the voltage on the TADJ pin and reduces output current if the voltage on this pin falls
below 625mV. An external NTC thermistor and resistor can therefore be connected as shown below to set the voltage on
the TADJ pin to 625mV at the required temperature threshold.
This will give 100% LED current below the threshold
temperature and a falling current above it as shown in the graph. The temperature threshold can be altered by adjusting the
value of Rth and/or the thermistor to suit the requirements of the chosen LED.
The Thermal Control feature can be disabled by connecting TADJ to REF.
Here is a simple procedure to design the thermal feedback circuit:
1)
Select the temperature threshold Tthreshold at which the current must start to decrease
2)
Select the Thermistor TH1 (both resistive value at 25˚C and beta)
3)
Select the value of the resistor Rth as Rth = TH at Tthreshold
Figure 34. Thermal feedback network
For example,
1)
Temperature threshold Tthreshold = 70˚C
2)
TH1 = 10k
Ω at 25˚C and beta= 3500
TH = 3.3k
Ω @ 70˚C
3)
Rth = TH at Tthreshold = 3.3kΩ
Over-Temperature Shutdown
The ZXLD1370 incorporates an over-temperature shutdown circuit to protect against damage caused by excessive die
temperature. A warning signal is generated on the STATUS output when die temperature exceeds 125°C nominal and the
output is disabled when die temperature exceeds 150°C nominal. Normal operation resumes when the device cools back
down to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com