Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
23 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
INPUT CAPACITOR
The input capacitor can be calculated knowing the input voltage ripple
ΔV
IN-PP as follows:
Buck
PP
IN
V
x
SW
f
LED
I
x
)
D
1
(
x
D
IN
C
−
Δ
−
=
Use D = 0.5 as worst case
Boost
PP
IN
V
x
SW
f
x
8
PP
L
I
IN
C
−
Δ
−
Δ
=
Buck-boost
PP
IN
V
x
SW
f
LED
I
x
D
IN
C
−
Δ
=
Use D = DMAX as worst case
The minimum RMS current for the output capacitor is calculated as follows:
Buck
)
D
1
(
Dx
x
LED
I
RMS
CIN
I
−
=
−
use D=0.5 as worst case
Boost
12
PP
L
I
RMS
CIN
I
−
=
−
Buck-boost
)
D
1
(
D
x
LED
I
RMS
CIN
I
−
=
−
Use D=DMAX as worst case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com