Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 28 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
28 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Diagnostic signals should be ignored during the device
start – up for 100
μs. The device start up sequence will
be initiated both during the first power on of the device
or after the PWM signal is kept low for more than 15ms,
initiating the standby state of the device.
In particular, during the first 100
μs the diagnostic is
signaling an over-current then an out-of-regulation
status. These two events are due to the charging of the
inductor and are not true fault conditions.
VR E F
0V
Ov e r
C ur r ent
22 5m V / R 1
0A
Ou t o f
r egu l at i o n
100 us
Fig 36. Diagnostic during Start-up
Boosting VAUX supply voltage in Boost and Buck-Boost mode
When the input voltage is lower than 8V, the gate voltage will also be lower 8V. This means that depending on the
characteristics of the external MOSFET, the gate voltage may not be enough to fully enhance the power MOSFET. This
boosting technique is particularly important when the output MOSFET is operating at full current, since the boost circuit
allows the gate voltage to be higher than 12V. This guarantees that the MOSFET is fully enhanced reducing both the power
dissipation and the risk of thermal runaway of the MOSFET itself. An extra diode D2 and decoupling capacitor C3 can be
used, as shown below in figure 36, to generate a boosted voltage at VAUX when the input supply voltage at VIN is below 8V.
This enables the device to operate with full output current when VIN is at the minimum value of 6V. In the case of a low
voltage threshold MOSFET, the bootstrap circuit is generally not required.
Fig 37. Bootstrap circuit for Boost and Buck-boost low voltage operations
The resistor R2 can be used to limit the current in the bootstrap circuit in order to reduce the impact of the circuit itself on the
LED accuracy. The impact on the LED current is usually a decrease of maximum 5% compared to the nominal current
value set by the sense resistor.
The Zener diode D3 is used to limit the voltage on the VAUX pin to less than 60V.
Due to the increased number of components and the loss of current accuracy, the bootstrap circuit is recommended only
when the system has to operate continuously in conditions of low input voltage (between 6 and 8V) and high load current.
Other circumstances such as low input voltage at low load current, or transient low input voltage at high current should be
evaluated keeping account of the external MOSFET power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com