Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
25 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Figure 30. PWM dimming from open collector switch
Figure 31. PWM dimming from MCU
LED current can be adjusted digitally, by applying a low
frequency PWM logic signal to the PWM pin to turn the
controller on and off.
This will produce an average
output current proportional to the duty cycle of the control
signal.
During PWM operation, the device remains
powered up and only the output switch is gated by the
control signal.
The PWM signal can achieve very high LED current
resolution.
In fact, dimming down from 100% to 0, a
minimum pulse width of 2µs can be achieved resulting in
very high accuracy. While the maximum recommended
pulse is for the PWM signal is10ms.
PWM
0V
< 10 ms
0V
2µs
Gate
< 10 ms
2µs
Figure 32. PWM dimming minimum and maximum pulse
The device can be put in standby by taking the PWM pin to ground, or pulling it to a voltage below 0.4V with a suitable open
collector NPN or open drain NMOS transistor, for a time exceeding 15ms (nominal). In the shutdown state, most of the
circuitry inside the device is switched off and residual quiescent current will be typically 90µA. In particular, the Status pin
will go down to GND while the FLAG and REF pins will stay at their nominal values.
Fig 33. Stand-by state from PWM signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com