Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 30 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 34Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
30 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
PCB Layout considerations
PCB layout is a fundamental activity to get the most of the device in all configurations. In the following section it is possible
to find some important insight to design with the ZXLD1370 both in Buck and Buck-Boost/Boost configurations.
Figure 39: Circuit Layout
Here are some considerations useful for the PCB layout:
In order to avoid ringing due to stray inductances, the inductor L1, the anode of D1 and the drain of Q1 should be
placed as close together as possible.
The shaping capacitor C1 is fundamental for the stability of the control loop. To this end it should be placed no more
than 5mm from the SHP pin.
Input voltage pins, VIN and VAUX, need to be decoupled. It is recommended to use two ceramic capacitors of
2.2uF, X7R, 100V (C3 and C4). In addition to these capacitors, it is suggested to add two ceramic capacitors of
1uF, X7R, 100V each (C2, C8), as well as a further decoupling capacitor of 100nF close to the VIN/VAUX pins (C9).
VIN and VAUX pins can be short-circuited when the device is used in buck mode, or can be driven from a separate
supply.
APPLICATION EXAMPLES
Example 1:
2.8A Buck LED driver
In this application example, the ZXLD1370 is connected as a buck LED driver. The schematic and parts list are shown
below. The LED driver is able to deliver 2.8A of LED current with an input voltage range of 8V to 24V. In order to achieve
high efficiency at high LED current, a Super Barrier Rectifier (SBR) with a low forward voltage is used as the free wheeling
rectifier.
This LED driver is suitable for applications which require high LED current such as LED projector, automatic LED lighting
etc.
SHP pin
VIN / VAUX
decoupling
Inductor, Switch
and
Freewheeling
diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com