Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 31 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 35Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
31 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Figure 40. Application circuit: 2.8A Buck LED driver
Table 3: Bill of Material
Ref No.
Value
Part No.
Manufacturer
U1
60V LED driver
ZXLD1370
Diodes Inc
Q1
60V MOSFET
ZXMN6A09K
Diodes Inc
D1
45V 10A SBR
SBR10U45SP5
Diodes Inc
L1
33µH 4.2A
744770933
Wurth Electronik
C1
100pF 50V
SMD 0805/0603
Generic
C2
1uF 50V X7R
SMD1206
Generic
C3 C4 C5
4.7µF 50V X7R
SMD1210
Generic
R1 R2 R3
300m
Ω 1%
SMD1206
Generic
R4
400m
Ω 1%
SMD1206
Generic
R5
0
Ω
SMD 0805/0603
Generic
Typical Performance
Efficiency vs Input Voltage
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
10
12
14
16
18
20
22
24
Input Voltage (V)
1 LED
2 LED
Figure 41. Efficiency
LED Current vs Input Voltage
0
500
1000
1500
2000
2500
3000
10
12
14
16
18
20
22
24
Input Voltage (V)
Figure 42. Line regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com