Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 7 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 7 Page - ams AG

Back Button AS5215 Datasheet HTML 3Page - ams AG AS5215 Datasheet HTML 4Page - ams AG AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG AS5215 Datasheet HTML 10Page - ams AG AS5215 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
7 - 24
AS5215
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.1 Timing Characteristics
Remark: The digital interface will be reset during the low phase of the CS signal.
SF=SF25C
- (AP1_1/
AP2_1)
Amplitude ratio tracking accuracy
over temperature
-40 to 150ºC
-1
+1
%
SF=AP1_
1/AP2_1
Amplitude ratio mismatch at room
temperature
-2
2
%
Voffset1
DC Offset
Ratiometric to VDD
0.294
0.3
0.306
V / VDD
Voffset2
0.49
0.5
0.51
V / VDD
DCoffdrift
DC Offset Drift
-40 to 150ºC
-50
+50
µV/ºC
THD
Total Harmonic Distortion
0.2
%
SR
Slew Rate
1
V/µs
CLOAD
Capacitive Load
1000
pF
Table 7. Timing Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
t1_3
Chip select to positive edge of DCLK
30
-
ns
t2_3
Chip select to drive bus externally
0-
ns
t3
Setup time command bit
Data valid to positive edge of DCLK
30
-
ns
t4
Hold time command bit
Data valid after positive edge of DCLK
15
-
ns
t5
Float time
Positive edge of DCLK for last command bit to bus float
-
DCLK/
2+0
ns
t6
Bus driving time
Positive edge of DCLK for last command bit to bus
drive
DCLK/
2+0
-ns
t7
Data valid time
Positive edge of DCLK to bus valid
DCLK/
2+0
DCLK/
2+30
ns
t8
Hold time data bit
Data valid after positive edge of DCLK
DCLK/
2+0
-ns
t9_3
Hold time chip select
Positive edge DCLK to negative edge of chip select
DCLK/
2+0
-ns
t10_3
Bus floating time
Negative edge of chip select to float bus
-30
ns
t11
Setup time data bit at write access
Data valid to positive edge of DCLK
30
-
ns
t12
Hold time data bit at write access
Data valid after positive edge of DCLK
15
-
ns
t13_3
Bus floating time
Negative edge of chip select to float bus
-30
ns
Table 6. Electrical System Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com