Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 19 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 19 Page - ams AG

Back Button AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG AS5215 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
19 - 24
AS5215
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.6 Waveform – Digital Interface at Analog Readback of the Zener Diodes
To be sure that all Zener-Diodes are correctly burned, an analog readback mechanism is defined. Perform the ‘READ OTP ANA’ sequence
according to the command table and measure the value of the diode at the end of each phase.
Figure 16. Digital Interface at Analog Readback of Zener Diodes
8.7 EasyZapp OTP Content
Each AS5215 die has an integrated 32-bit OTP ROM (Easyzapp) for trimming and configuration purposes. The PROM can be programmed via.
the serial interface. For irreversible programming, an external programming voltage at PROG pin is needed. For security reasons, the factory
trim bits can be locked by a lock bit.
Remark: OTP assignment will be defined/updated.
Table 12. Serial Bit Sequence (16-bit read / write)
Write Command
Read / Write Data
C4
C3
C2
C1
C0
D15 D14
D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
Bit Count
OTP Start
OTP End
Access
Comments
Hall Bias
6
0
5
user
Sets overall sensitivity
DC offset
1
6
6
user
Output DC offset setting
gain
2
7
8
user
Programmable gain amplifier setting
Lock
1
13
13
austriamicrosystems
Set in production test
invert_channel
1
11
11
user
Inverts SIN and COS channel before the
PGA for inverted output function
cm_sin
1
10
10
user
Common mode voltage output enabled at SINN /
CM pin
cm_cos
1
9
9
user
Common mode voltage output enabled at COSN /
CM pin
CMD0
CMD1
CMD2
CMD3
CMD4
EXT D45
EXT D44
EXT D1
EXT D0
CMD_PHASE
DATA_PHASE_EXTENDED
perform analog measurements at PROG
OTP D45
OTP D44
OTP D43
OTP D0
DCLK
CS
DIO
PROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com