Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 14 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 14 Page - ams AG

Back Button AS5215 Datasheet HTML 10Page - ams AG AS5215 Datasheet HTML 11Page - ams AG AS5215 Datasheet HTML 12Page - ams AG AS5215 Datasheet HTML 13Page - ams AG AS5215 Datasheet HTML 14Page - ams AG AS5215 Datasheet HTML 15Page - ams AG AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
14 - 24
AS5215
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 11. Magnetic Field Lines with Spacer Between Magnet and Iron Shaft
If the magnet has to be mounted inside a magnetic shaft, a possible solution is to place a non-magnetic spacer between shaft and magnet, as
shown in Figure 11. While the magnetic field is rather distorted towards the shaft, there are still adequate field lines available towards the sensor
IC. The distortion remains reasonably low.
7.1.6 Summary
Small diameter magnets (<6mm Ø) have a shorter linear range and allow less lateral misalignment. The steeper slope allows larger axial
distances.
Large diameter magnets (>6 mm Ø) have a wider linear range and allow a wider lateral misalignment. The flatter slope requires shorter axial
distances.
The linear range decreases with airgap; Best performance is achieved at shorter airgaps.
The ideal vertical distance range can be determined by using magnetic range indicators provided by the encoder ICs. These indicators are
named MagInc, MagDec, MagRngn, or similar, depending on product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com