Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 23 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 23 Page - ams AG

Back Button AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG AS5215 Datasheet HTML 23Page - ams AG AS5215 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
23 - 24
AS5215
Data Sheet - R e v i s i o n H i s t o r y
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.0
April 29, 2008
apg
Initial revision
July 03, 2008
Redundancy Coding topic deleted.
1.1
July 15, 2008
Updated Key Features, Table 1 - Pin Descriptions, Figure 1 and
Figure 17.
1.2
July 14, 2009
Updated min, typ, max values for ‘Power up time’ parameter in Table 6.
1.3
July 31, 2009
Updated the following parameters in Table 6:
- Values and conditions updated for
1. Propagation delay
2. Amplitude ratio tracking accuracy over temperature
3. DC Offset Drift
- Deleted the ‘Output Offset’ parameter from the table.
Aug 24, 2009
Updated following bits related information on page 16 - invert_channel,
cm_sin, cm_cos, gain, dc_offset, Hall_b
1.4
Aug 26, 2009
Inserted Figure 12 and updated Applications and Figure 17.
1.5
Sept 01, 2009
Inserted Figure 13, Added a note in Package Drawings and Markings.
1.6
Sept 02, 2009
Deleted ‘Displacement’ parameter from Table 5.
1.7
Nov 26, 2009
Hall Array Radius value updated from 1.1mm to 1mm
Updated Figure 13
1.8
Dec 11, 2009
Updated values for ‘Magnetic Sensitivity’ parameter in Table 6.
Dec 15, 2009
Ordering code updated.
1.9
Jan 27, 2010
Updated ‘Interface General at extended mode’ (see Table 9)
Feb 10, 2010
Updated values for ‘Power up time’ parameter in Table 6.
Mar 19, 2010
Added ‘Current Consumption’ parameter in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com