Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 5 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 5 Page - ams AG

  AS5215 Datasheet HTML 1Page - ams AG AS5215 Datasheet HTML 2Page - ams AG AS5215 Datasheet HTML 3Page - ams AG AS5215 Datasheet HTML 4Page - ams AG AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
5 - 24
AS5215
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 6 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply voltage (VDD)-0.3
7
V
Input pin voltage (V_in)
VSS - 0.5
7
V
Input current (latchup immunity), I_scr
-100
100
mA
Norm: EIA/JESD78 Class II Level A
Electrostatic discharge (ESD)
±2
kV
Norm: JESD22-A114E
Total power dissipation (Ptot)
275
mW
Package thermal resistance (
Θ_JA)
27
ºC/W
Velocity =0; Multi Layer PCB; Jedec Standard Testboard
Storage temperature (T_strg)
-65
150
ºC
Package body temperature (T_body)
260
ºC
Norm: IPC/JEDEC J-STD-020C.
The reflow peak soldering temperature (body temperature)
specified is in accordance with IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification for Non-
Hermetic Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
585
%
MSL = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com