Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 3 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 3 Page - ams AG

  AS5215 Datasheet HTML 1Page - ams AG AS5215 Datasheet HTML 2Page - ams AG AS5215 Datasheet HTML 3Page - ams AG AS5215 Datasheet HTML 4Page - ams AG AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
3 - 24
AS5215
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
DIO_1
1
Data I/O for digital interface
DIO_2
2
TC_1
3
Test coil
TC_2
4
A_TST_1
5
Analog test pin
A_TST_2
6
PROG_1
7
OTP Programming Pad
PROG_2
8
AS5215
25
26
27
28
29
30
16
15
14
13
12
11
24
23
22
21
20
19
1
2
3
4
5
6
7
8
18
17
31
32
10
9
NC
NC
NC
NC
NC
NC
COSN_2 / COSP_2 / CM_COS_2
COSP_2 / COSN_2
DIO_1
DIO_2
TC_1
TC_2
A_TST_1
A_TST_2
PROG_1
PROG_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com