Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5215 Datasheet(PDF) 21 Page - ams AG

Part # AS5215
Description  Programmable 360쨘 Magnetic Angle Encoder with Buffered SINE & COSINE Output Signals
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 21 Page - ams AG

Back Button AS5215 Datasheet HTML 16Page - ams AG AS5215 Datasheet HTML 17Page - ams AG AS5215 Datasheet HTML 18Page - ams AG AS5215 Datasheet HTML 19Page - ams AG AS5215 Datasheet HTML 20Page - ams AG AS5215 Datasheet HTML 21Page - ams AG AS5215 Datasheet HTML 22Page - ams AG AS5215 Datasheet HTML 23Page - ams AG AS5215 Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.austriamicrosystems.com/AS5215
Revision 1.9
21 - 24
AS5215
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.9 OTP Programming
Figure 18. OTP Programming Connection
For programming of the OTP, an additional voltage has to be applied to the pin PROG. It has to be buffered by a fast 100nF capacitor (ceramic)
and a 10µF capacitor. The information to be programmed is set by command 25. The OTP bits 16 until 45 are used for AMS factory trimming and
cannot be overwritten.
Remark: For normal operation, after programming, apply 100k pull up resistor at PROG pin!
Symbol
Parameter
Min
Max
Unit
Note
VDD
Supply Voltage
5
5.5
V
GND
Ground level
0
0
V
V_zapp
Programming Voltage
8
8.5
V
At pin PROG
T_zapp
Temperature
0
85
ºC
f_clk
CLK Frequency
100
kHz
At pin DCLK
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
CS_2
VDD
DCLK_2
DIO_2
PROG
VSS
I/O
Output
Output
+
10µF 100n
8.0 - 8.5V
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vzapp
Vprog
PROM Cell
maximum
parasitic cable
inductance
L<50nH
CS_1
DCLK_1
DIO_1
I/O
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com