Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 9Page - Sharp Corporation LH28F008SC Datasheet HTML 10Page - Sharp Corporation LH28F008SC Datasheet HTML 11Page - Sharp Corporation LH28F008SC Datasheet HTML 12Page - Sharp Corporation LH28F008SC Datasheet HTML 13Page - Sharp Corporation LH28F008SC Datasheet HTML 14Page - Sharp Corporation LH28F008SC Datasheet HTML 15Page - Sharp Corporation LH28F008SC Datasheet HTML 16Page - Sharp Corporation LH28F008SC Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
13
WSMS
ESS
ECLBS
BWSLBS
VPPS
BWSS
DPS
R
765
43
2
1
0
SR.7
= WRITE STATE MACHINE STATUS
1 = Ready
0 = Busy
SR.6
= ERASE SUSPEND STATUS
1 = Block Erase Suspended
0 = Block Erase in Progress/Completed
SR.5
= ERASE AND CLEAR LOCK-BIT STATUS
1 = Error in Block Erasure or Clear Lock-Bits
0 = Successful Block Erase or Clear Lock-Bits
SR.4
= BYTE WRITE AND SET LOCK-BIT STATUS
1 = Error in Byte Write or Set Master/Block Lock Bit
0 = Successful Byte Write or Set Master/Block
0 = Lock-Bit
SR.3
= VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
SR.2
= BYTE WRITE SUSPEND STATUS
1 = Byte Write Suspended
0 = Byte Write in Progress/Completed
SR.1
= DEVICE PROTECT STATUS
1 = Master Lock-Bit, Block Lock-Bit and/or
1 = RP
  » Lock Detected, Operation Abort
0 = Unlock
SR.0
= RESERVED FOR FUTURE ENHANCEMENTS
NOTES:
1. Check RY
  »/BY  » or SR.7 to determine block erase, byte
write, or lock-bit configuration completion. SR.6 - SR.0 are
invalid while SR.7 = '0'.
2. If both SR.5 and SR.4 are '1's after a block erase or lock-
bit configuration attempt, an improper command sequence
was entered.
3. SR.3 does not provide a continuous indication of VPP level.
The WSM interrogates and indicates the VPP level only
after Block Erase, Byte Write, Set Block/Master Lock-Bit,
or Clear Block Lock-Bits command sequences. SR.3 is not
guaranteed to report accurate feedback only when
VPP = VPPH1/2/3.
4. SR.1 does not provide a continuous indication of master
and block lock-bit values. The WSM interrogates the master
lock-bit, block lock-bit, and RP
  » only after Block Erase, Byte
Write, or Lock-Bit configuration command sequences. It
informs the system, depending on the attempted operation,
if the block lock-bit is set, master lock-bit is set, and/or RP
  »
is not VHH. Reading the block lock and master lock configu-
ration codes after writing the Read identifier Codes com-
mand indicates master and block lock-bit status.
5. SR.0 is reserved for future use and should be masked out
when polling the status register.
OPERATION
MASTER
LOCK-BIT
BLOCK
LOCK-BIT
RP#
EFFECT
Block Erase or
Byte Write
X
0V
IH or VHH
Block Erase and Byte Write Enabled.
1
V
IH
Block is locked. Block Erase and Byte Write Disabled.
V
HH
Block Lock-Bit Override. Block Erase and Byte Write Enabled.
Set Block
Lock Bit
0X
V
IH or VHH
Set Block Lock-Bit Enabled.
1X
V
IH
Master Lock-Bit is Set. Set Block Lock-Bit Disabled.
V
HH
Master Lock-Bit Override. Set Block Lock-Bit Enabled.
Set Master
Lock-Bit
XX
V
IH
Set Master Lock-Bit Disabled.
V
HH
Set Master Lock-Bit Enabled.
Clear Block
Lock-Bits
0X
V
IH or VHH
Clear Block Lock-Bits Enable.
1X
V
IH
Master Lock-Bit is Set. Clear Block Lock-Bits Disabled.
V
HH
Master Lock-Bit Override. Clear Block Lock-Bits Enabled.
Write Protection Alternatives
Status Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com