Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 2Page - Sharp Corporation LH28F008SC Datasheet HTML 3Page - Sharp Corporation LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation LH28F008SC Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LH28F008SC
8M (1M × 8) Flash Memory
6
Data Protection
Depending on the application, the system designer
may choose to make the VPP power supply switchable
(available only when memory block erases, byte writes,
or lock-bit configurations are required) or hardwired to
VPPH1/2/3.The device accommodates either design prac-
tice and encourages optimization of the processor-
memory interface.
When VPP ≤ VPPLK, memory contents cannot be
altered. The CUI, with two-step block erase, byte write,
or lock-bit configuration command sequences, provides
protection from unwanted operations even when high
voltage is applied toVPP. All write functions are disabled
when VCC is below the write lockout voltage VLKO or
when RP
  » is at VIL.The device’s block locking capability
provides additional protection from inadvertent code or
data alteration by gating erase and byte write
operations.
BUS OPERATION
The local CPU reads and writes flash memory
in-system. All bus cycles to or from the flash memory
conform to standard microprocessor bus cycles.
Read
Information can be read from any block, identifier
codes, or status register independent of the VPP volt-
age. RP
  » can be at either VIH or VHH.
The first task is to write the appropriate read mode
command (Read, Array, Read Identifier Codes, or Read
Status Register) to the CUI. Upon initial device power-
up or after exit from deep power-down mode, the de-
vice automatically resets to read array mode. Four
control pins dictate the data flow in and out of the com-
ponent: CE
  », OE  », WE  », and RP  ». CE  » and OE  » must be
driven active to obtain data at the outputs. CE
  » is the
device selection control, and when active enables the
selected memory device. OE
  » is the data output
(DQ0 - DQ7) control and when active drives the selected
memory data onto the I/O bus. WE
  » must be at VIH and
RP
  » must be at VIH or VHH. Figure 15 illustrates a read
cycle.
Output Disable
With OE
  » at a logic-high level (VIH), the device otuputs
are disabled. Output pins DQ0 - DQ7 are placed in a
high-impedance state.
Standby
CE
  » at a logic-high level (VIH) places the device in
standby mode which substantially reduces device power
consumption. DQ0 - DQ7 outputs are placed in a high-
impedance state independent of OE
  ». If deselected dur-
ing block erase, byte write, or lock-bit configuration, the
device continues functioning, and consuming
active power until the operation completes.
Deep Power-Down
RP
  » at VIL initiates the deep power-down mode.
In read modes, RP
  »-low deselects the memory, places
output drivers in a high-impedance state and turns off
all internal circuits. RP
  » must be held low for a minimum
of 100 ns.Time tPHQV is required after return from power-
down until initial memory access outputs are valid. Af-
ter this wake-up interval, normal operation is restored.
The CUI is reset to read array mode and status register
is set to 80H.
During block erase, byte write, or lock-bit configura-
tion modes, RP
  »-low will abort the operation. RY  »/BY  »
remains low until the reset operation is complete.
Memory contents being altered are no longer valid; the
data may be partially erased or written. Time tPHWL is
required after RP
  » goes to logic-high (VIH) before an-
other command can be written.
As with any automated device, it is important to
assert RP
  » during system reset.When the system comes
out of reset, it expects to read from the flash memory.
Automated flash memories provide status information
when accessed during block erase, byte write, or lock-
bit configuration modes. If a CPU reset occurs with no
flash memory reset, proper CPU initialization may not
occur because the flash memory may be providing sta-
tus information instead of array data. SHARP’s flash
memories allow proper CPU initialization following a
system reset through the use of the RP
  » input. In this
application, RP
  » is controlled by the same RESET sig-
nal that resets the system CPU.
Read Identifier Codes Operation
The read identifier codes operation outputs the manu-
facturer code, device code, block lock configuration
codes for each block, and the master lock configuration
code (see Figure 5). Using the manufacturer and de-
vice codes, the system CPU can automatically match
the device with its proper algorithms.The block lock and
master lock configuration codes identify locked and
unlocked blocks and master lock-bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com