Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 23Page - Sharp Corporation LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation LH28F008SC Datasheet HTML 26Page - Sharp Corporation LH28F008SC Datasheet HTML 27Page - Sharp Corporation LH28F008SC Datasheet HTML 28Page - Sharp Corporation LH28F008SC Datasheet HTML 29Page - Sharp Corporation LH28F008SC Datasheet HTML 30Page - Sharp Corporation LH28F008SC Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
27
AC CHARACTERISTICS - Write Operations1
VCC = 3.3 V ± 0.3 V, TA = 0°C to +70°C
SYMBOL
PARAMETER
LH28F008SC-120
LH28F008SC-150
UNIT
NOTE
MIN.
MAX.
MIN.
MAX.
t
AVAV
Write Cycle Time
120
150
ns
t
PHWL
RP
» High Recovery to WE Going Low
1
1
µs
2
t
ELWL
CE
» Setup to WE Going Low
10
10
ns
t
WLWH
WE Pulse Width
50
50
ns
t
PHHWH
RP
» V
HH Setup to WE Going High
100
100
ns
2
t
VPWH
V
PP Setup to WE Going High
100
100
ns
2
t
AVWH
Address Setup to WE Going High
50
50
ns
3
t
DVWH
Data Setup to WE Going High
50
50
ns
3
t
WHDX
Data Hold from WE High
5
5
ns
t
WHAX
Address Hold from WE High
5
5
ns
t
WHEH
CE
» Hold from WE High
10
10
ns
t
WHWL
WE Pulse Width High
30
30
ns
t
WHRL
WE High to RY
»/BY » Going Low
100
100
ns
t
WHGL
Write Recovery before Read
0
0
ns
t
QVVL
V
PP Hold from Valid SRD, RY»/BY » High
0
0
ns
2, 4
t
QVPH
RP
» V
HH Hold from Valid SRD, RY »/BY » High
0
0
ns
2, 4
NOTE:
1. See 5 V VCC AC Characteristics - Write Operations for Notes 1 through 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com