Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH28F008SC Datasheet HTML 17Page - Sharp Corporation LH28F008SC Datasheet HTML 18Page - Sharp Corporation LH28F008SC Datasheet HTML 19Page - Sharp Corporation LH28F008SC Datasheet HTML 20Page - Sharp Corporation LH28F008SC Datasheet HTML 21Page - Sharp Corporation LH28F008SC Datasheet HTML 22Page - Sharp Corporation LH28F008SC Datasheet HTML 23Page - Sharp Corporation LH28F008SC Datasheet HTML 24Page - Sharp Corporation LH28F008SC Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
21
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
TEST CONDITION
T
A
Operating Temperature
0
+70
°C
Ambient Temperature
V
CC
1
V
CC Supply Voltage (3.3 V ± 0.3 V)
3.0
3.6
V
V
CC
2
V
CC Supply Voltage (5 V ± 5%)
4.75
5.25
V
V
CC
3
V
CC Supply Voltage (5 V ± 10%)
4.50
5.50
V
Operating Conditions
Temperature and VCC Operating Conditions
NOTICE: This datasheet contains information on
products in the design phase of development. Do not
finalize a design with this information. Revised informa-
tion will be published when the product is available.
Veryify with your local SHARP sales office that you have
the latest datasheet before finalizing a design.
*WARNING: Stressing the device beyond the “Abso-
lute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the
“Operating Conditions” is not recommended and ex-
tended exposure beyond the“Operating Conditions” may
affect device reliability.
NOTES:
1. Operating temperature is for commercial product defined by
this specification.
2. All specified voltages are with respect to GND. Minimum DC
voltage is -0.5 V on input/output pins and -0.2 V on VCC and VPP
pins. During transitions, this level may undershoot to -2.0 V for
periods < 20 ns. Maximum DC voltage on input/output pins and
VCC is VCC + 5.0 V which, during transitions, may overshoot to
VCC + 2.0 V for periods < 20 ns.
3. Maximum DC voltage on VPP and RP  » may overshoot to
+14.0 V for periods < 20 ns.
4. Output shorted for no more than on second. No more than one
output shorted at a time.
Power Dissipation
When designing portable systems, designers must
consider battery power consumption not only during
device operation, but also for data retention during sys-
tem idle time. Flash memory’s nonvolatility increases
usable battery life because data is retained when sys-
tem power is removed.
In addition, deep power-down mode ensures
extremely low power consumption even when system
power is applied. For example, portable computing prod-
ucts and other power sensitive applications that use an
array of devices for solid-state storage can consume
negligible power by lowering RP
  » to VIL standby or sleep
modes. If access is again needed, the devices can be
read following the tPHQV and tPHWL wake-up cycles re-
quired after RP
  » is first raised to VIH. See AC Character-
istics - Read Only and Write Operations and Figures 16
and 17 for more information.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings*
Commercial Operating Temperature
during Read, Block Erase, Byte Write,
and Lock-Bit Configuration ............... 0°C to +70°C1
Temperature under Bias ...................... -10°C to +80°C
StorageTemperature: ......................... 65°C to +125°C
Voltage On Any Pin
(except VCC, VPP and RP  »)................ -2 V to +7.0 V
2
VCC Supply Voltage ........................... -2.0 V to +7.0 V
2
VPP Update Voltage during Block Erase,
Byte Write,and Lock-Bit
Configuration ............................ -2.0 V to +14.0 V2, 3
RP
  » Voltage with Respect to GND
during Lock-Bit Configuration
Operations ............................... -2.0 V to +14.0 V2, 3
Output Short Circuit Current .......................... 100 mA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com