Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F008SC Datasheet HTML 1Page - Sharp Corporation LH28F008SC Datasheet HTML 2Page - Sharp Corporation LH28F008SC Datasheet HTML 3Page - Sharp Corporation LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
5
The RY
  »/BY  » output gives an additional indicator of
WSM activity by providing both a hardware signal of
status (versus software polling) and status masking
(interrupt masking for background block erase, for
example). Status polling using RY
  »/BY  » minimizes both
CPU overhead and system power consumption. When
low, RY
  »/BY  » indicates that theWSM is performing a block
erase, byte write, or lock-bit configuration. RY
  »/BY  » high
indicates that the WSM is ready for a new command,
block erase is suspended (and byte write is inactive),
byte write is suspended, or the device is in deep power-
down mode.
The access time is 85 ns (tAVAV) over the commer-
cial temperature range (0°C to +70°C) and VCC supply
voltage range of 4.75 V - 5.25 V. At lower VCC voltages,
the access times are 90 ns (4.5 V - 5.5 V) and 120 ns
(3.0 V - 3.6 V).
The Automatic Power Savings (APS) feature substan-
tially reduces active current when the device is in static
mode (addresses not switching). In APS mode, the typi-
cal ICCR current is 1 mA at 5 V VCC.
When CE
  » and RP  » pins are at VCC, the ICC CMOS
standby mode is enabled. When the RP
  » pin is at GND,
deep power-down mode is enabled which minimizes
power consumption and provides write protection dur-
ing reset. A reset time (tPHQV) is required from RP  »
switching high until outputs are valid. Likewise, the de-
vice has a wake time (tPHEL) from RP  »-high until writes
to the CUI are recognized. With RP
  » at GND, the WSM
is reset and the status register is cleared.
The device is available in 40-pin TSOP (Thin Small
Outline Package, 1.2 mm thick) and 44-pin SOP (Small
Outline Package). Pinouts are shown in Figures 1 and 2.
PRINCIPLES OF OPERATION
The LH28F008SC SmartVoltage FlashFile memory
includes an on-chip WSM to manage block erase, byte
write, and lock-bit configuration functions. It allows for:
100%TTL-level control inputs, fixed power supplies dur-
ing block erasure, byte write, and lock-bit configuration,
and minimal processor overhead with RAM-like inter-
face timings.
After initial device power-up or return from deep
power-down mode (see Bus Operations), the device
defaults to read array mode. Manipulation of external
memory control pins allow array read, standby, and out-
put disable operations.
Status register and identifier codes can be accessed
through the CUI independent of the VPP voltage. High
voltage on VPP enables successful block erasure, byte
writing, and lock-bit configuration. All functions associ-
ated with altering memory contents–block erase, byte
write, Lock-bit configuration, status, and identifier codes-
are accessed via the CUI and verified through the sta-
tus register.
Commands are written using standard microproces-
sor write timings. The CUI contents serve as input to
the WSM, which controls the block erase, byte write,
and lock-bit configuration. The internal algorithms are
regulated by the WSM, including pulse repetition, inter-
nal verification, and margining of data. Addresses and
data are internally latch during write cycles. Writing the
appropriate command outputs array data, accesses the
identifier codes, or outputs status register data.
Interface software that initiates and polls progress of
block erase, byte write, and lock-bit configuration can
be stored in any block. This code is copied to and ex-
ecuted from system RAM during flash memory updates.
After successful completion, reads are again possible
via the Read Array command. Block erase suspend al-
lows sytem software to suspend a block. Byte write sus-
pend allows system software to suspend a byte write to
read data from any other flash memory array location.
FFFFF
F0000
EFFFF
E0000
DFFFF
D0000
CFFFF
C0000
BFFFF
B0000
AFFFF
A0000
9FFFF
90000
8FFFF
80000
7FFFF
70000
6FFFF
60000
5FFFF
50000
4FFFF
40000
3FFFF
30000
2FFFF
20000
1FFFF
10000
0FFFF
00000
64KB BLOCK
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
28F008SC-4
Figure 4. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com