Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 1 Page - Sharp Corporation

  LH28F008SC Datasheet HTML 1Page - Sharp Corporation LH28F008SC Datasheet HTML 2Page - Sharp Corporation LH28F008SC Datasheet HTML 3Page - Sharp Corporation LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LH28F008SC
1
8M (1M × 8) Flash Memory
Figure 2. TSOP 40-Pin Configuration
FEATURES
• High-Density Symmetrically-Blocked
Architecture
– Sixteen 64K Erasable Blocks
• High-Performance
– 85 ns Read Access Time
• Enhanced Automated Suspend Options
– Byte Write Suspend to Read
– Block Erase Suspend to Byte Write
– Block Erase Suspend to Read
• Enhanced Data Protection Features
– Absolute Protection with V
PP = GND
– Flexible Block Locking
– Block Erase/Byte Write Lockout during
Power Transitions
• Extended Cycling Capability
– 100,000 Block Erase Cycles
– 1.6 Million Block Erase Cycles/Chip
• Low Power Management
– Deep Power-Down Mode
– Automatic Power Saving Mode Decreases
I
CC in Static Mode
• Automated Byte Write and Block Erase
– Command User Interface
– Status Register
• SmartVoltage Technology
– 3.3 V or 5 V V
CC
– 3.3 V, 5 V, or 12 V V
PP
• SRAM - Compatible Write Interface
• ETOX™ V Nonvolatile Flash Technology
• Industry - Standard Packaging
– 42-Pin, .67 mm × 8 mm2 CSP Package
– 40-Pin, 1.2 mm × 10 mm × 20 mm
TSOP (Type I) Package
– 44-Pin, 600-mil, SOP Package
28F008SC-1
TOP VIEW
40-PIN TSOP
2
3
4
5
8
9
A12
A15
37
36
35
34
33
32
29
26
6
7
A13
A14
A16
A19
A17
A18
31
30
OE
RY/BY
DQ6
10
11
12
39
38
WE
13
28
DQ3
DQ2
DQ1
27
DQ7
14
15
16
17
18
19
20
23
25
24
22
21
A0
A1
A2
A3
A6
A5
A7
A4
A10
A9
A11
A8
NC
DQ5
DQ4
VCC
DQ0
40
1
NC
VPP
VCC
RP
CE
GND
GND
28F008SC-20
TOP VIEW
42-PIN CSP
A5
A
A8
A11
VPP
A12
A15
A17
12
3
4
5
6
7
A4
A7
A10
VCC
A18
A13
NC
A6
A9
RP
CE
A14
A16
A19
A3
DQ1
NC
VCC
DQ4
DQ7
NC
A2
A0
DQ3 GND DQ6
OE
NC
A1
B
C
D
E
F
DQ0
DQ2 GND DQ5 RY/BY
WE
Figure 1. CSP 42-Pin Configuration


Similar Part No. - LH28F008SC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
266Kb / 40P
8 M-bit (1 MB x 8) Smart 5
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
262Kb / 40P
M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F008SC-V85 SHARP-LH28F008SC-V85 Datasheet
262Kb / 40P
M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F008SCB-L12 SHARP-LH28F008SCB-L12 Datasheet
552Kb / 55P
Flash Memory 8M (1MB 횞 8)
LH28F008SCB-L85 SHARP-LH28F008SCB-L85 Datasheet
552Kb / 55P
Flash Memory 8M (1MB 횞 8)
More results

Similar Description - LH28F008SC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
Flash Memory 8M (1M 횞8)
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
8M Flash Memory 1M (x8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
LH28F800BJE-PTTL90 SHARP-LH28F800BJE-PTTL90 Datasheet
515Kb / 57P
Flash Memory 8M (512K 횞 16/1M 횞 8)
LH28F008SCT-L85 SHARP-LH28F008SCT-L85 Datasheet
552Kb / 55P
Flash Memory 8M (1MB 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com