Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SC Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH28F008SC
Description  8M (1M 횞 8) Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC Datasheet(HTML) 3 Page - Sharp Corporation

  LH28F008SC Datasheet HTML 1Page - Sharp Corporation LH28F008SC Datasheet HTML 2Page - Sharp Corporation LH28F008SC Datasheet HTML 3Page - Sharp Corporation LH28F008SC Datasheet HTML 4Page - Sharp Corporation LH28F008SC Datasheet HTML 5Page - Sharp Corporation LH28F008SC Datasheet HTML 6Page - Sharp Corporation LH28F008SC Datasheet HTML 7Page - Sharp Corporation LH28F008SC Datasheet HTML 8Page - Sharp Corporation LH28F008SC Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
8M (1M × 8) Flash Memory
LH28F008SC
3
Figure 4. LH28F008SC Block Diagram
OUTPUT
BUFFER
IDENTIFIER
REGISTER
DATA
REGISTER
STATUS
REGISTER
INPUT
BUFFER
A0 - A19
DQ0 - DQ7
ADDRESS
LATCH
I/O LOGIC
DATA
COMPARATOR
WRITE STATE
MACHINE
RY/BY
RP
OE
WE
CE
PROGRAM/
ERASE
VOLTAGE
SWITCH
Y-GATING
OUTPUT
MULTIPLEXER
Y-DECODER
X-DECODER
COMMAND
REGISTER
INPUT
BUFFER
ADDRESS
COUNTER
RP
VCC
VPP
GND
16 64KB BLOCKS
28F008SC-3
Internal VCC and VPP detection Circuitry automati-
cally configures the device for optimized read and write
operations.
A Command User Interface (CUI) serves as the in-
terface between the system processor and internal op-
eration of the device. A valid command sequence written
to the CUI initiates device automation. An InternalWrite
State Machine (WSM) automatically executes the algo-
rithms and timings necessary for block erase, byte write,
and lock-bit configuration operations.
A block erase operation erases one of the device’s
64K blocks typically within 1 second (5V VCC, 12V VPP)
independent of other blocks. Each block can be inde-
pendently erased 100,000 times (1.6 million block erases
per device). Block erase suspend mode allows system
software to suspend block erase to read or write data
from any other block.
Writing memory data is performed in byte increments
typically within 6 µs (5 V VCC, 12V VPP). Byte write sus-
pend mode enables the system to read data or execute
code from any other flash memory array location.
Individual block locking uses a combination of bits,
sixteen block lock-bits and a master lock-bit, to lock and
unlock blocks. Block lock-bits gate block erase and byte
write operations, while the master lock-bit gates block
lock-bit modification. Lock-bit configuration operations
(Set Block, Lock-Bit, Set Master Lock-Bit, and Clear
Block Lock-Bits commands) set and cleared lock-bits.
The status register indicates when the WSM’s block
erase, byte write, or lock-bit configuration operation is
finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com