Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 23Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 24Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 25Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
SMBUS Table: SB_SRC Frequency Control Register
Byte
17
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: SB_SRC Spread Spectrum Control Register
Byte
18
Name
Control Function
Type
0
1
Default
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
SMBUS Table: SB_SRC Spread Spectrum Control Register
Byte
19
Name
Control Function
Type
0
1
Default
Bit 7
SSP15
RW
X
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBUS Table: SB_SRC Output Divider Control Register
Byte
20
Name
Control Function
Type
0
1
Default
Bit 7
SB_SRC NDiv0
LSB N Divider Programming
RW
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
SB_SRCDiv3
RW
0000:/2 ; 0100:/4
1000:/8 ; 1100:/16
X
Bit 2
SB_SRCDiv2
RW
0001:/3 ; 0101:/6
1001:/12 ; 1101:/24
X
Bit 1
SB_SRCDiv1
RW
0010:/5 ; 0110:/10
1010:/20 ; 1110:/40
X
Bit 0
SB_SRCDiv0
RW
0011:/15 ; 0111:/18
1011:/36 ; 1111:/72
X
SMBus Table: Device ID register
Byte
21
Name
Control Function
Type
0
1
Default
Bit 7
Device ID7
R
0
Bit 6
Device ID6
R
1
Bit 5
Device ID5
R
1
Bit 4
Device ID4
R
1
Bit 3
Device ID3
R
0
Bit 2
Device ID2
R
1
Bit 1
Device ID1
R
1
Bit 0
Device ID0
R
0
76 hex
Reserved
SRC Divider Ratio
Programming Bits
Spread Spectrum
Programming bit(7:0)
SB_SRC M/N programming.
Bytes 18 and 19 set the the SB_SRC spread
pecentages. Please contact ICS for the
appropriate values.
Device ID
Reserved
Reserved
Spread Spectrum
Programming bit(14:8)
Bytes 18 and 19 set the the SB_SRC spread
pecentages. Please contact ICS for the
appropriate values.
N Divider Programming
Byte16 bit(7:0) and Byte15
bit(7:6)
The decimal representation of M and N Divider in
Byte 16 and 17 configure the SB_SRC VCO
frequency. See M/N Caculation Tables for VCO
frequency formulas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com