Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9LPRS480 Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
TSSOP Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
REF1/SEL_SATA
I/O
14.318 MHz 3.3V reference clock./ 3.3V tolerant latched input to select function of SRC6/SATA output
0 = 100MHz differential spreading SRC clock, 1 = 100MHz non-spreading differential SATA clock
2
REF0/SEL_HTT66
I/O
14.318 MHz 3.3V reference clock./ 3.3V tolerant latched input to select Hyper Transport Clock
Frequency.
0 = 100MHz differential HTT clock, 1 = 66MHz 3.3V single ended HTT clock
3
GNDREF
GND
Ground pin for the REF outputs.
4
X1
IN
Crystal input, nominally 14.318MHz
5
X2
OUT
Crystal output, nominally 14.318MHz
6
VDD48
PWR
Power pin for the 48MHz outputs and core. 3.3V
7
48MHz_0
OUT
48MHz clock output.
8
GND48
GND
Ground pin for the 48MHz outputs
9
SMBCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
10
SMBDAT
I/O
Data pin for SMBus circuitry, 5V tolerant.
11
VDD27
PWR
3.3V Power supply for SRC/27MHz output and 27MHz SS PLL
12
SRC7C_LPRS/27MHz_NS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)/27MHz 3.3V Single-ended non-spread output for discrete graphics
13
SRC7T_LPRS/27MHz_SS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)/27MHz 3.3V Single-ended spreading output for discrete graphics
14
GND27
GND
Ground for the SRC/27MHz outputs
15
SRC4C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
16
SRC4T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
17
GNDSRC
GND
Ground pin for the SRC outputs
18
VDDSRC_IO
PWR
Power supply for differential SRC outputs, nominal 1.05V to 3.3V
19
SRC3C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
20
SRC3T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
21
SRC2C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
22
SRC2T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
23
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
24
VDDSRC_IO
PWR
Power supply for differential SRC outputs, nominal 1.05V to 3.3V
25
GNDSRC
GND
Ground pin for the SRC outputs
26
SRC1C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
27
SRC1T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
28
SRC0C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
29
SRC0T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
30
*CLKREQ0#
IN
Clock Request pin for SRC0 outputs. If output is selected for control, then that output is controlled as
follows:
0 = enabled, 1 = Low-Low
31
GNDATIG
GND
Ground pin for the ATIG outputs
32
VDDATIG_IO
PWR
Power supply for differential ATIG outputs, nominal 1.05V to 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com