Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
True
output
Complement
Output
True
output
Complement
Output
1
0
Enable
Running
Running
Running
Running
0
X
X
Low/20K
Low
Low/20K
Low
1
1
Enable
Running
Running
Low/20K
Low
XX
Disable
Low/20K
Low
Low/20K
Low
Note: 20K means 20Kohm Pull Down
1
Enable
Running
Running
Running
Running
0
Enable
Low
Low
Low
Hi-Z
Differential Output Power Management Table
Singled-ended Power Management Table
Free-Run
CLKREQ# Selected
PD#
CLKREQ#
SMBus
Register OE
48MHz
PD#
SMBus
Register OE
REF(2:0)
27MHz
HTT66MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com