Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
AC Electrical Characteristics - Low-Power DIF Outputs: CPUKG and HTT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Crossing Point Variation
∆V
CROSS
Single-ended Measurement
140
mV
1,2,5
Frequency - CPU
fCPU
Spread Specturm On
198.8
200
MHz
1,3
Frequency - HTT
fHTT
Spread Specturm On
99.4
100
MHz
1,3
Long Term Accuracy
ppmSpread Specturm Off
-300
+300
ppm1,11
Rising Edge Slew Rate
SRISE
Differential Measurement
0.5
10
V/ns
1,4
Falling Edge Slew Rate
SFALL
Differential Measurement
0.5
10
V/ns
1,4
Slew Rate Variation
tSLVAR
Single-ended Measurement
20
%
1
CPU, DIF HTT Jitter - Cycle to Cycle
CPUJC2C
Differential Measurement
150
ps
1,6
Accumulated Jitter
tJACC
See Notes
1
ns
1,7
Peak to Peak Differential Voltage
VD(PK-PK)
Differential Measurement
400
2400
mV
1,8
Differential Voltage
VD
Differential Measurement
200
1200
mV
1,9
Duty Cycle
DCYC
Differential Measurement
45
55
%
1
Amplitude Variation
∆V
D
Change in VD DC cycle to cycle
-75
75
mV
1,10
CPU[1:0] Skew
CPUSKEW10
Differential Measurement
100
ps
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
3Minimum Frequency is a result of 0.5% down spread spectrum
6 Max difference of t
CYCLE between any two adjacent cycles.
7 Accumulated tjc.over a 10 µs time period, measured with JIT2 TIE at 50ps interval.
8 VD(PK-PK) is the overall magnitude of the differential signal.
11 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and
falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.
4Differential measurement through the range of ±100 mV, differential signal must remain monotonic and within slew rate spec when
crossing through this region.
9 VD(min) is the amplitude of the ring-back differential measurement, guaranteed by design, that ring-back will not cross 0V VD. VD(max)
is the largest amplitude allowed.
2Single-ended measurement at crossing point. Value is maximum – minimum over all time. DC value of common mode is not important
10 The difference in magnitude of two adjacent VD_DC measurements. VD_DC is the stable post overshoot and ring-back part of the
AC Electrical Characteristics - Low-Power DIF Outputs: SRC, SB_SRC and ATIG
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Rising Edge Slew Rate
tSLR
Differential Measurement
2.5
8
V/ns
1,2
Falling Edge Slew Rate
tFLR
Differential Measurement
2.5
8
V/ns
1,2
Slew Rate Variation
tSLVAR
Single-ended Measurement
20
%
1
Maximum Output Voltage
VHIGH
Includes overshoot
1150
mV
1
Minimum Output Voltage
VLOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
VSWING
Differential Measurement
300
mV
1
Crossing Point Voltage
VXABS
Single-ended Measurement
300
550
mV
1,3,4
Crossing Point Variation
VXABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle
DCYC
Differential Measurement
45
55
%
1
SRC, ATIG, Jitter - Cycle to Cycle
SRCJC2C
Differential Measurement
125
ps
1
SRC[5:0] Skew
SRCSKEW
Differential Measurement
250
ps
1
SB_SRC[1:0] Skew
SRCSKEW
Differential Measurement
100
ps
1
ATIG[2:0] Skew
SRCSKEW
Differential Measurement
100
ps
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com