Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
Absolute Maximum Rating
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
3.3V Supply VoltageVDDxxx
-3.3
GND + 3.9V
V
1
Storage Temperature
Ts
-
-65
150
°C
1
Ambient Operating Temp
Tambient
-
070
°C
1
Case Temperature
Tcase
-
115
°C
1
Input ESD protection HBM
ESD prot
-
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
NOTES
3.3V Core Supply Voltage
VDDxxx
-
3.135
3.3
3.465
V
1
Input High Voltage
VIH
VDD = 3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage
VIL
VDD = 3.3 V +/-5%
VSS - 0.3
0.8
V
1
Input High Voltage - SEL_27
VIH
VDD = 3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage - SEL_27
VIL
VDD = 3.3 V +/-5%
VSS - 0.3
0.4
V
1
Input High Voltage - SEL_SATA
VIH
VDD = 3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage - SEL_SATA
VIL
VDD = 3.3 V +/-5%
VSS - 0.3
0.4
V
1
Input High Voltage - SEL_HTT66
VIH
VDD = 3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage - SEL_HTT66
VIL
VDD = 3.3 V +/-5%
VSS - 0.3
0.4
V
1
Input High Current
IIH
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
1
Low Threshold Input-
High Voltage
VIH_FS
VDD = 3.3 V +/-5%
0.7
VDD + 0.3
V
1
Low Threshold Input-
Low Voltage
VIL_FS
VDD = 3.3 V +/-5%
VSS - 0.3
0.35
V
1
Operating Current
IDD3.3OP
3.3V VDD current, all outputs
driven
225
mA
1
Powerdown Current
IDD3.3PD
all diff pairs low/low
2
mA
1
Input Frequency
Fi
VDD = 3.3 V +/-5%
14.31818
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs
5
pF
1
COUT
Output pin capacitance
6
pF
1
CINX
X1 & X2 pins
5
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up or de-
assertion of PD to 1st clock
1.8
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_PD
CPU output enable after
PD de-assertion
300
us
1
Tfall_PD
PD fall time of
5
ns
1
Trise_PD
PD rise time of
5
ns
1
SMBus Voltage
VDDSMB
2.7
5.5
V
1
Low-level Output Voltage
VOLSMB
@ IPULLUP
0.4
V
1
Current sinking at
VOL = 0.4 V
IPULLUPSMB
46
mA
1
SMBCLK/SMBDAT
Clock/Data Rise Time
TRSMB
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SMBCLK/SMBDAT
Clock/Data Fall Time
TFSMB
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
Input Low Current
Input Capacitance
2 Input frequency should be measured at the REF pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com