Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
General Description
Block Diagram
The ICS9LPRS480 is a main clock synthesizer chip that provides all clocks required for ATI RS7xx-based
systems.using AMD processors. An SMBus interface allows full control of the device.
Power Groups
VDD
VDDIO
GND
63
1
USB_48 outputs
47
SRC/27MHz Outputs
16
10,18
SRC Logic Core
11,17
SRC differential outputs (IO's)
35
33
SB_SRC Core Logic
34
SB_SRC differential outputs (IO's)
40
43
SRC/SATA differential output
26
24
ATIG Core Logic
25
ATIG differential outputs (IO's)
48
43
CPUKG Core Logic
47
CPUKG differential outputs (IO's)
55
52
HTTCLK output
56
60
REF outputs
Description
Pin Number
REF(2:0)
CPUKG
OSC
14.318MHz
SB_SRC(1:0)
SRC(5:0)
100MHz
48MHz_(1:0)
X1
X2
Fixed PLL
SS SB_SRC
200MHz
PD#
SEL_SATA
SMBCLK
SMBDAT
Control
Logic
HTT0/66MHz
100MHz
SRC6/SATA
100MHz DIF/66MHz
SS PLL
CPU/HTT, SRC,
ATIG
CLKREQ(5:0)#
100MHz
ATIG(2:0)
SEL_HTT66
SEL_27
27MHz SS PLL
27MHz SS PLL
SRC7C/27MHz_NS
SRC7T/27MHz_SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com