Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS480 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9LPRS480 Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
MLF Pin Description (Continued)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
33
GNDSB_SRC
GND
Ground pin for the SB_SRC outputs
34
VDDSB_SRC_IO
PWR
Power supply for differential SB_SRC outputs, nominal 1.05V to 3.3V
35
VDDSB_SRC
PWR
Supply for SB SRC PLL core, 3.3V nominal
36
SB_SRC0C_LPRS
OUT
Complement clock of low power differential Chipset-to-Chipset SRC clock pair. (no 50ohm shunt
resistor to GND and no 33 ohm series resistor needed
37
SB_SRC0T_LPRS
OUT
True clock of low power differential Chipset-to-Chipset SRC clock pair. (no 50ohm shunt resistor
to GND and no 33 ohm series resistor needed
38
CLKREQ4#*
IN
Clock Request pin for SRC4 outputs. If output is selected for control, then that output is controlled
as follows:
0 = enabled, 1 = Low-Low
39
CLKREQ3#*
IN
Clock Request pin for SRC3 outputs. If output is selected for control, then that output is controlled
as follows:
0 = enabled, 1 = Low-Low
40
VDDSATA
PWR
Power supply for SATA core logic, nominal 3.3V
41
SRC6C/SATAC_LPRS
OUT
Complement clock of low power differential SRC/SATA clock pair. (no 50ohm shunt resistor to
GND and no 33 ohm series resistor needed)
42
SRC6T/SATAT_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
43
GNDSATA
GND
Ground pin for the SRC outputs
44
CLKREQ2#*
IN
Clock Request pin for SRC2 outputs. If output is selected for control, then that output is controlled
as follows:
0 = enabled, 1 = Low-Low
45
CLKREQ1#*
IN
Clock Request pin for SRC1 outputs. If output is selected for control, then that output is controlled
as follows:
0 = enabled, 1 = Low-Low
46
GNDCPU
GND
Ground pin for the CPU outputs
47
VDDCPU_IO
PWR
Power supply for differential CPU outputs, nominal 1.05V to 3.3V
48
VDDCPU
PWR
Supply for CPU core, 3.3V nominal
49
CPUKG0C_LPRS
OUT
Complementary signal of low-power differential push-pull AMD K8 "Greyhound" clock with
integrated series resistor. (no 33 ohm series resistor needed)
50
CPUKG0T_LPRS
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock with integrated series
resistor.(no 33 ohm series resistor needed)
51
PD#
IN
Enter /Exit Power Down.
0 = Power Down, 1 = normal operation.
52
GNDHTT
PWR
Ground pin for the HTT outputs
53
HTT0C_LPRS/66M
OUT
Complementary signal of low-power differential push-pull hypertransport clock with integrated
series resistor. (no 50ohm shunt resistor to GND and no 33 ohm series resistor needed) / 1.8V
single ended 66MHz hyper transport clock
54
HTT0T_LPRS/66M
OUT
True signal of low-power differential push-pull hypertransport clock with integrated series
resistor. (no 50ohm shunt resistor to GND and no 33 ohm series resistor needed) /1.8V single
ended 66MHz hyper transport clock
55
VDDHTT
PWR
Supply for HTT clocks, nominal 3.3V.
56
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
57
REF2/SEL_27
I/O
14.318 MHz reference clock, 3.3V/3.3V Latched input to select 27MHz SS and non SS on SRC7
0 = 100MHz differential spreading SRC clock, 1 = 27MHz non-spreading singled clock on pin 5
and 27MHz spread clock on pin 6.
58
REF1/SEL_SATA
I/O
14.318 MHz 3.3V reference clock./ 3.3V tolerant latched input to select function of SRC6/SATA
output
0 = 100MHz differential spreading SRC clock, 1 = 100MHz non-spreading differential SATA clock
59
REF0/SEL_HTT66
I/O
14.318 MHz 3.3V reference clock./ 3.3V tolerant latched input to select Hyper Transport Clock
Frequency.
0 = 100MHz differential HTT clock, 1 = 66MHz 3.3V single ended HTT clock
60
GNDREF
GND
Ground pin for the REF outputs.
61
X1
IN
Crystal input, nominally 14.318MHz
62
X2
OUT
Crystal output, nominally 14.318MHz
63
VDD48
PWR
Power pin for the 48MHz outputs and core. 3.3V
64
48MHz_0
OUT
48MHz clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com