Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 2Page - Integrated Device Technology ICS9220 Datasheet HTML 3Page - Integrated Device Technology ICS9220 Datasheet HTML 4Page - Integrated Device Technology ICS9220 Datasheet HTML 5Page - Integrated Device Technology ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
ICS9220
1227G—11/05/07
SMBus Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
RW
-
-
0
Bit 6
Reserved
RW
-
-
0
Bit 5
N DIV5
RW
0
Bit 4
N DIV4
RW
0
Bit 3
N DIV3
RW
1
Bit 2
N DIV2
RW
0
Bit 1
N DIV1
RW
1
Bit 0
N DIV0
RW
0
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
0
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
Byte Count
Programming
Reserved
Reserved
Reserved
Writing to this register will configure
how many bytes will be read back,
default is 07 = 7 bytes
N Divider Programming
b(5:0)
The decimal representation of M
and N Divider in Byte 5 and 6 will
configure the PLL VCO frequency.
VCO frequency = 100 x
{[NDIV(5:0)+2]/[MDIV(3:0)+2]}
-
Byte 7
-
-
-
-
-
Byte 6
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com