Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9220 Datasheet HTML 3Page - Integrated Device Technology ICS9220 Datasheet HTML 4Page - Integrated Device Technology ICS9220 Datasheet HTML 5Page - Integrated Device Technology ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology ICS9220 Datasheet HTML 10Page - Integrated Device Technology ICS9220 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
ICS9220
1227G—11/05/07
PLL Multiplier
Table 2 shows the frequency multipliers in the PLL, selectable by programming the MULT0, MULT1 and MULT2 bits
in the SMBus Multiplier Control register. Power up default is 4.
Table 2. PLL Multiplier Programming Selection
46
8
300.00000
4
1200.0000
6
18
84
10
1200.00
1800.00
2400.00
325.00000
4
1300.0000
4
13
82
0B
1300.00
1950.00
2600.00
350.00000
4
1400.0000
6
21
84
13
1400.00
2100.00
2800.00
366.66667
4
1466.6667
6
22
84
14
1466.67
2200.00
2933.33
375.00000
4
1500.0000
4
15
82
0D
1500.00
2250.00
3000.00
383.33333
4
1533.3333
6
23
84
15
1533.33
2300.00
3066.67
400.00000
4
1600.0000
6
24
84
16
1600.00
2400.00
3200.00
416.66667
4
1666.6667
6
25
84
17
1666.67
2500.00
3333.33
425.00000
2
850.0000
4
17
02
0F
1700.00
2550.00
3400.00
433.33333
2
866.6667
6
26
04
18
1733.33
2600.00
3466.67
450.00000
2
900.0000
6
27
04
19
1800.00
2700.00
3600.00
466.66667
2
933.3333
6
28
04
1A
1866.67
2800.00
3733.33
475.00000
2
950.0000
4
19
02
11
1900.00
2850.00
3800.00
483.33333
2
966.6667
6
29
04
1B
1933.33
2900.00
3866.67
500.00000
2
1000.0000
6
30
04
1C
2000.00
3000.00
4000.00
516.66667
2
1033.3333
6
31
04
1D
2066.67
3100.00
4133.33
533.33333
2
1066.6667
6
32
04
1E
2133.33
3200.00
4266.67
550.00000
2
1100.0000
6
33
04
1F
2200.00
3300.00
4400.00
566.66667
2
1133.3333
6
34
04
20
2266.67
3400.00
4533.33
583.33333
2
1166.6667
6
35
04
21
2333.33
3500.00
4666.67
600.00000
2
1200.0000
6
36
04
22
2400.00
3600.00
4800.00
616.66667
2
1233.3333
6
37
04
23
2466.67
3700.00
4933.33
633.33333
2
1266.6667
6
38
04
24
2533.33
3800.00
5066.67
650.00000
2
1300.0000
6
39
04
25
2600.00
3900.00
5200.00
666.66667
2
1333.3333
6
40
04
26
2666.67
4000.00
5333.33
NOTE:
Byte 5
Hex
Byte 6
Hex
ASIC Multiplier
All output values based on 100.000000MHz input clock
PostDiv
B5b7
VCO
M
B5b(3:0)
N
B6b(5:0)
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com