Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9220
Description  Programmable RambusTM XDRTM Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9220 Datasheet HTML 1Page - Integrated Device Technology ICS9220 Datasheet HTML 2Page - Integrated Device Technology ICS9220 Datasheet HTML 3Page - Integrated Device Technology ICS9220 Datasheet HTML 4Page - Integrated Device Technology ICS9220 Datasheet HTML 5Page - Integrated Device Technology ICS9220 Datasheet HTML 6Page - Integrated Device Technology ICS9220 Datasheet HTML 7Page - Integrated Device Technology ICS9220 Datasheet HTML 8Page - Integrated Device Technology ICS9220 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9220
1227G—11/05/07
AVDD2.5
1
28 VDD2.5
AGND
2
27 GND
IREFY
3
26 GND
AGND
4
25 ODCLK_T0
CLK_INT
5
24 ODCLK_C0
CLK_INC
6
23 GND
VDD2.5
7
22 VDD2.5
GND
8
21 VDD2.5
SMBCLK
9
20 GND
SMBDAT 10
19 ODCLK_T1
OE 11
18 ODCLK_C1
AS1 12
17 GND
AS2 13
16 GND
BYPASS#/PLL 14
15 VDD2.5
28-Pin 4.4mm TSSOP
Block Diagram
Programmable Rambus
TM XDRTM Clock Generator
The ICS9220 clock generator provides Programmable
clock signals to support
the Rambus XDR
TM
memory
subsystem and Redwood logic interface. The ICS9220
has been optimized for 100MHz reference input that may
or may not be modulated for spread spectrum. The
ICS9220 provides 2 differential clock pairs in a space
saving 28-pin TSSOP package and provides an off-the-
shelf high-performance interface solution.
Figure 1 shows the major components of the ICS9220
XDR Clock Generator. These include the a PLL, a Bypass
Multiplexer and two differential output buffers. The outputs
can be disabled by a logic low on the OE pin. An output
is enabled by the combination of the OE pin being high,
and 1 in its SMBus Output control register bit.
The PLL receives a reference clock, CLK_INT/C and
outputs a clock signal at a frequency equal to the input
frequency times a multiplier. Table 2 shows the multipliers
selectable via the SMBus interface. This clock signal is
then fed to the differential output buffers to drive the
enabled clocks.
Disabled outputs are set to Hi-Z. The
Bypass mode routes the input clock, CLK_INT/C, directly
to the differential output buffers, bypassing the PLL.
Up to four ICS9220 devices can be cascaded on the same
SMBus. Table 3 shows the SMBus addressing and control
for the four devices.
•
300 - 700 MHz clock source
•
2 open-drain differential output drives with short
term jitter < 40ps
•
Spread spectrum compatible
•
Reference clock is differential or single-ended
100MHz
•
SMBus programmability for:
- frequency multiplier
- output enable
- operating mode
•
Support systems where XDR subsystem is
asynchronous to other system clocks
•
2.5V power supply
XDR is a trademark of Rambus
Pin Configuration
PLL
Bypass
MUX
RegA
RegB
CLK_INT
CLK_INC
SMBCLK
OE
OE
OE
BYPASS#/PLL
SMBDAT
AS1
AS2
ODCLK_C1
ODCLK_T1
ODCLK_C0
ODCLK_T0


Similar Part No. - ICS9220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9220B IDT-ICS9220B Datasheet
192Kb / 16P
Programmable RambusTM XDRTM Clock Generator
More results

Similar Description - ICS9220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
Integrated Circuit Solu...
ICS9214 ICSI-ICS9214_07 Datasheet
235Kb / 16P
RambusTM XDRTM Clock Generator
logo
Integrated Device Techn...
ICS9220B IDT-ICS9220B Datasheet
192Kb / 16P
Programmable RambusTM XDRTM Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com